| Electronic Components Datasheet Search |
|
MF3ICD21 Datasheet(PDF) 8 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MF3ICD21 Datasheet(HTML) 8 Page - NXP Semiconductors |
|
8 / 15 page ![]() MF3ICD21_41_81_SDS_2 © NXP B.V. 2009. All rights reserved. Product short data sheet Rev. 02 — 6 March 2009 8 of 15 NXP Semiconductors MF3ICD21, MF3ICD41, MF3ICD81 MIFARE DESFire EV1 contactless multi-application IC 9.3 MIFARE DESFire EV1 command set overview – security related commands Remark: All command and data frames are exchanged between MIFARE DESFire EV1 and PCD by using block format as defined in ISO/IEC 14443-4. 9.4 MIFARE DESFire EV1 command set overview – MIFARE DESFire EV1 level commands Remark: All command and data frames are exchanged between MIFARE DESFire EV1 and PCD by using block format as defined in ISO/IEC 14443-4. Table 6. Security related commands Command Description Authenticate MIFARE DESFire EV1 and the reader device show in an encrypted way that they possess the same secret which especially means the same key; this not only confirms that both entities are permitted to perform operations on each other but also creates a session key which can be used to keep the further communication path secure; as the name “session key” implicitly indicates, each time a new authentication procedure is successfully completed a new key for further cryptographic operations is generated Change KeySettings changes the master key settings on MIFARE DESFire EV1 and application level Set Configuration configures the card and pre-personalizes the card with a key, defines if the UID or the random ID is sent back during communication setup and configures the ATS string Change Key changes any key stored on the MIFARE DESFire EV1 Get Key Version reads out the current key version of any key stored on the MIFARE DESFire EV1 Table 7. Level commands Command Description Create Application creates new applications on the MIFARE DESFire EV1 Delete Application permanently deactivates applications on the MIFARE DESFire EV1 Get Applications IDs returns the Application IDentifiers of all applications on a MIFARE DESFire EV1 Free Memory returns the free memory available on the card GetDFNames returns the DF names Get KeySettings gets information on the MIFARE DESFire EV1 and application master key settings; in addition it returns the maximum number of keys which are configured for the selected application Select Application selects one specific application for further access FormatMF3ICD81 releases the MF3ICD81 user memory Get Version returns manufacturing related data of the MIFARE DESFire EV1 GetCardUID returns the UID |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |