Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3758 Datasheet(PDF) 22 Page - Linear Technology

Part # LT3758
Description  High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3758 Datasheet(HTML) 22 Page - Linear Technology

Back Button LT3758 Datasheet HTML 18Page - Linear Technology LT3758 Datasheet HTML 19Page - Linear Technology LT3758 Datasheet HTML 20Page - Linear Technology LT3758 Datasheet HTML 21Page - Linear Technology LT3758 Datasheet HTML 22Page - Linear Technology LT3758 Datasheet HTML 23Page - Linear Technology LT3758 Datasheet HTML 24Page - Linear Technology LT3758 Datasheet HTML 25Page - Linear Technology LT3758 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
LT3758
22
3758f
APPLICATIONS INFORMATION
Flyback Converter: Input Capacitor Selection
The input capacitor in a flyback converter is subject to
a large RMS current due to the discontinuous primary
current. To prevent large voltage transients, use a low
ESR input capacitor sized for the maximum RMS current.
The RMS ripple current rating of the input capacitors in
discontinuous operation can be determined using the
following equation:
I
P
V
RMS CIN DISCONTINUOUS
OUT MAX
IN MIN
(),
()
() •
≥
η
••
(•
)
•
43
3
−
D
D
MAX
MAX
SEPIC CONVERTER APPLICATIONS
The LT3758 can be configured as a SEPIC (single-ended
primary inductance converter), as shown in Figure 1. This
topology allows for the input to be higher, equal, or lower
than the desired output voltage. The conversion ratio as
a function of duty cycle is:
VV
V
D
D
OUT
D
IN
+
=
−
1
in continuous conduction mode (CCM).
In a SEPIC converter, no DC path exists between the input
and output. This is an advantage over the boost converter
for applications requiring the output to be disconnected
from the input source when the circuit is in shutdown.
Compared to the flyback converter, the SEPIC converter
has the advantage that both the power MOSFET and the
output diode voltages are clamped by the capacitors (CIN,
CDC and COUT), therefore, there is less voltage ringing
across the power MOSFET and the output diodes. The
SEPIC converter requires much smaller input capacitors
than those of the flyback converter. This is due to the fact
that, in the SEPIC converter, the inductor L1 is in series
with the input, and the ripple current flowing through the
input capacitor is continuous.
SEPIC Converter: Switch Duty Cycle and Frequency
For a SEPIC converter operating in CCM, the duty cycle
of the main switch can be calculated based on the output
voltage (VOUT), the input voltage (VIN) and the diode
forward voltage (VD).
The maximum duty cycle (DMAX)occurswhentheconverter
has the minimum input voltage:
D
VV
VV
V
MAX
OUT
D
IN MIN
OUT
D
=
+
++
()
SEPIC Converter: Inductor and Sense Resistor Selection
As shown in Figure 1, the SEPIC converter contains two
inductors: L1 and L2. L1 and L2 can be independent, but
can also be wound on the same core, since identical volt-
ages are applied to L1 and L2 throughout the switching
cycle.
For the SEPIC topology, the current through L1 is the
converter input current. Based on the fact that, ideally, the
output power is equal to the input power, the maximum
average inductor currents of L1 and L2 are:
II
I
D
D
I
L MAX
IN MAX
O MAX
MAX
MAX
LMAX
1
2
1
()
()
()
(
•
==
−
))(
)
=I
OMAX
In a SEPIC converter, the switch current is equal to IL1 +
IL2 when the power switch is on, therefore, the maximum
average switch current is defined as:
II
I
I
D
SW MAX
L MAX
L MAX
O MAX
MAX
()
()
()
() •
=+
=
−
12
1
1
and the peak switch current is:
II
D
SW PEAK
O MAX
MAX
()
(
)
••
=+
⎛
⎝⎜
⎞
⎠⎟
−
1
2
1
1
χ
The constant χ in the preceding equations represents the
percentage peak-to-peak ripple current in the switch, rela-
tive to ISW(MAX), as shown in Figure 9. Then, the switch
ripple current ΔISW can be calculated by:
ΔISW = χ • ISW(MAX)
The inductor ripple currents ΔIL1 and ΔIL2 are identical:
ΔIL1 = ΔIL2 = 0.5 • ΔISW
The inductor ripple current has a direct effect on the
choice of the inductor value. Choosing smaller values of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com