Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3758 Datasheet(PDF) 30 Page - Linear Technology

Part # LT3758
Description  High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3758 Datasheet(HTML) 30 Page - Linear Technology

Back Button LT3758 Datasheet HTML 26Page - Linear Technology LT3758 Datasheet HTML 27Page - Linear Technology LT3758 Datasheet HTML 28Page - Linear Technology LT3758 Datasheet HTML 29Page - Linear Technology LT3758 Datasheet HTML 30Page - Linear Technology LT3758 Datasheet HTML 31Page - Linear Technology LT3758 Datasheet HTML 32Page - Linear Technology LT3758 Datasheet HTML 33Page - Linear Technology LT3758 Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
LT3758
30
3758f
10ms/DIV
VOUT1,
VOUT2
20V/DIV
3758 TA04b
VIN = 12V
VOUT1
VOUT2
2μs/DIV
VSW
50V/DIV
VOUT2
1V/DIV
(AC)
VOUT1
1V/DIV
(AC)
3758 TA04c
VIN = 12V
TYPICAL APPLICATIONS
VFD (Vacuum Fluorescent Display) Flyback Power Supply
Start-Up Waveforms
Switching Waveforms
SENSE
LT3758
VIN
VIN
9V TO 16V
CIN
22μF
25V
63.4k
200kHz
GATE
FBX
GND INTVCC
SHDN/UVLO
SYNC
RT
SS
VC
COUT2
2.2μF
100V
X7R
T1
1, 2, 3
4
5
6
178k
32.4k
0.47μF
47pF
10k
10nF
0.019Ω
0.5W
1.62k
95.3k
D1
D2
CVCC
4.7μF
10V
X5R
VOUT
96V
80mA
VOUT2
64V
40mA
3758 TA04a
COUT1
1μF
100V
X7R
SW
M1
CIN: MURATA GRM32ER61E226KE15L
COUT1: MURATA GRM31CR72A105K01L
COUT2: MURATA GRM32ER72A225KA35L
D1: VISHAY SILICONIX ES1D
D2: VISHAY SILICONIX ES1C
M1: VISHAY SILICONIX SI4848DY
T1: COILTRONICS VP1-0102
(*PRIMARY = 3 WINDINGS IN PARALLEL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com