Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3758 Datasheet(PDF) 36 Page - Linear Technology

Part # LT3758
Description  High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3758 Datasheet(HTML) 36 Page - Linear Technology

Back Button LT3758 Datasheet HTML 28Page - Linear Technology LT3758 Datasheet HTML 29Page - Linear Technology LT3758 Datasheet HTML 30Page - Linear Technology LT3758 Datasheet HTML 31Page - Linear Technology LT3758 Datasheet HTML 32Page - Linear Technology LT3758 Datasheet HTML 33Page - Linear Technology LT3758 Datasheet HTML 34Page - Linear Technology LT3758 Datasheet HTML 35Page - Linear Technology LT3758 Datasheet HTML 36Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
LT3758
36
3758f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2009
LT 0709 • PRINTED IN USA
TYPICAL APPLICATIONS
PART NUMBER
DESCRIPTION
COMMENTS
LT1619
Current Mode PWM Controller
300kHz Fixed Frequency, Boost, SEPIC, Flyback Topology; 1.9V ≤ VIN ≤ 18V
LTC1624
Current Mode DC/DC Controller
VIN Up to 36V, 300kHz Operating Frequency; Buck, Boost, SEPIC Design,
SO-8 Package
LTC1871, LTC1871-1
No RSENSE™ Boost, Flyback and SEPIC Controller
2.5V ≤ VIN ≤ 36V, Current Mode Control, Programmable Operating
Frequency from 50kHz to 1MHz, 5V Gate Drive
LTC1871-7
No RSENSE Boost, Flyback and SEPIC Controller
7V Gate Drive Version of LTC1871
LTC1872
TSOT-23 Boost Controller
550kHz Fixed Frequency, Current Mode, 2.5V ≤ VIN ≤ 9.8V
LT1930
1.2MHz, SOT-23 Boost Converter
2.6V ≤ VIN ≤ 16V, Up to 34V Output, 1A Switch Current
LT1931
Inverting 1.2MHz, SOT-23 Converter
Positive-to-Negative DC/DC Conversion, Miniature Design
LTC3704
Positive-to-Negative DC/DC Controller
No RSENSE, Current Mode Control, 50kHz to 1MHz
LT3844
High Voltage, Current Mode Switching Regulator
Controller
Wide Input Range: 4V to 60V
LT3757
Boost, Flyback, SEPIC and Inverting Controller
2.9V ≤ VIN ≤ 40V, Current Mode Control, 100kHz to 1MHz Programmable
Operation Frequency, 3mm
× 3mm DFN-10 and MSOP-10E Packages
LT3782A
2-Phase Step-Up DC/DC Controller
6V ≤ VIN ≤ 40V, 4A Gate Drive, 150kHz to 500kHz
LTC3803, LTC3803-3,
LTC3803-5
Constant-Frequency, Current Mode DC/DC
Controller
Wide Input Range; Flyback, Boost and SEPIC Topologies, ThinSOT™
Package
LTC3805, LTC3805-5
Adjustable, Synchronizable Frequency, Current
Mode DC/DC Controller
VIN and VOUT Limited Only by External Components, Used in Flyback, Boost
and SEPIC Topologies
LT3845
Low IQ, High Voltage Single Output Synchronous
Step-Down DC/DC Controller
1.23V ≤ VOUT ≤ 36V, 4V ≤ VIN ≤ 60V, 120μA IQ
LTC3872
No RSENSE Boost, Flyback and SEPIC Controller
2.75V ≤ VIN ≤ 9.8V, Current Mode Control, TSOT-23 and 2mm
× 3mm
DFN-8 Packages
No RSENSE and ThinSOT are trademarks of Linear Technology Corporation.
RELATED PARTS
8V to 72V Input, 12V Output SEPIC Converter
SENSE
LT3758
VIN
VIN
8V TO 72V
CIN
2.2μF
100V
X7R
x2
CDC
2.2μF
100V
X7R, x2
VOUT
12V
2A
0.012Ω
M1
Si7456DP
41.2k
300kHz
GATE
FBX
GND INTVCC
SHDN/UVLO
SYNC
RT
SS
VC
•
•
154k
32.4k
0.47μF
10nF
10k
L1A
L1B
D1
MBRS3100T3G
3757 TA08a
105k
1%
15.8k
1%
COUT2
10μF
16V
X5R
x4
COUT1
47μF
20V
x2
CVCC
4.7μF
10V
X5R
L1A, L1B: COILTRONICS DRQ127-220
+
Efficiency vs Output Current
VIN = 8V
OUTPUT CURRENT (A)
10
30
20
40
50
60
70
80
90
100
3757 TA08b
0.001
0.01
0.1
1
10
VIN = 72V
VIN = 42V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com