Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3758 Datasheet(PDF) 23 Page - Linear Technology

Part # LT3758
Description  High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3758 Datasheet(HTML) 23 Page - Linear Technology

Back Button LT3758 Datasheet HTML 19Page - Linear Technology LT3758 Datasheet HTML 20Page - Linear Technology LT3758 Datasheet HTML 21Page - Linear Technology LT3758 Datasheet HTML 22Page - Linear Technology LT3758 Datasheet HTML 23Page - Linear Technology LT3758 Datasheet HTML 24Page - Linear Technology LT3758 Datasheet HTML 25Page - Linear Technology LT3758 Datasheet HTML 26Page - Linear Technology LT3758 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
LT3758
23
3758f
APPLICATIONS INFORMATION
ΔIL requires large inductances and reduces the current
loop gain (the converter will approach voltage mode).
Accepting larger values of ΔIL allows the use of low in-
ductances, but results in higher input current ripple and
greater core losses. It is recommended that χ falls in the
range of 0.2 to 0.6.
Figure 9. The Switch Current Waveform of the SEPIC Converter
3758 F09
ISW =
ISW(MAX)
ISW
t
DTS
ISW(MAX)
TS
where
χ
χ
L
L
LMAX
LRMS
LMAX
L
I
I
II
1
1
1
22
2
2
1
12
=
=+
Δ
()
()
() •
where
χ
L
L
LMAX
I
I
2
2
2
=
Δ
()
Based on the preceding equations, the user should choose
the inductors having sufficient saturation and RMS cur-
rent ratings.
In a SEPIC converter, when the power switch is turned on,
the current flowing through the sense resistor (ISENSE) is
the switch current.
Set the sense voltage at ISENSE(PEAK) to be the minimum
of the SENSE current limit threshold with a 20% margin.
The sense resistor value can then be calculated to be:
R
mV
I
SENSE
SW PEAK
=
80
()
SEPIC Converter: Power MOSFET Selection
For the SEPIC configuration, choose a MOSFET with a
VDC rating higher than the sum of the output voltage and
input voltage by a safety margin (a 10V safety margin is
usually sufficient).
The power dissipated by the MOSFET in a SEPIC con-
verter is:
PFET = I2SW(MAX) • RDS(ON) • DMAX
+ 2 • (VIN(MIN) + VOUT)2 • IL(MAX) • CRSS • f/1A
The first term in this equation represents the conduction
losses in the device, and the second term, the switching
loss. CRSS is the reverse transfer capacitance, which is
usually specified in the MOSFET characteristics.
For maximum efficiency, RDS(ON) and CRSS should be
minimized. From a known power dissipated in the power
Given an operating input voltage range, and having chosen
the operating frequency and ripple current in the induc-
tor, the inductor value (L1 and L2 are independent) of the
SEPIC converter can be determined using the following
equation:
LL
V
If
D
IN MIN
SW
MAX
12
05
==
()
.•
•
•
Δ
For most SEPIC applications, the equal inductor values
will fall in the range of 1μH to 100μH.
By making L1 = L2, and winding them on the same core, the
value of inductance in the preceding equation is replaced
by 2L, due to mutual inductance:
L
V
If
D
IN MIN
SW
MAX
=
()
•
•
Δ
This maintains the same ripple current and energy storage
in the inductors. The peak inductor currents are:
IL1(PEAK) = IL1(MAX) + 0.5 • ΔIL1
IL2(PEAK) = IL2(MAX) + 0.5 • ΔIL2
The RMS inductor currents are:
II
LRMS
LMAX
L
11
2
1
1
12
()
() •
=+
χ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com