Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4160EPDC Datasheet(PDF) 26 Page - Linear Technology

Part # LTC4160EPDC
Description  Switching Power Manager with USB On-The-Go And Overvoltage Protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4160EPDC Datasheet(HTML) 26 Page - Linear Technology

Back Button LTC4160EPDC Datasheet HTML 22Page - Linear Technology LTC4160EPDC Datasheet HTML 23Page - Linear Technology LTC4160EPDC Datasheet HTML 24Page - Linear Technology LTC4160EPDC Datasheet HTML 25Page - Linear Technology LTC4160EPDC Datasheet HTML 26Page - Linear Technology LTC4160EPDC Datasheet HTML 27Page - Linear Technology LTC4160EPDC Datasheet HTML 28Page - Linear Technology LTC4160EPDC Datasheet HTML 29Page - Linear Technology LTC4160EPDC Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
LTC4160/LTC4160-1
26
41601f
APPLICATIONS INFORMATION
This same current pulse must not raise VBUS any higher
than 2V when connected to a standard host which must
have at least 96μF. The 96μF for a standard host represents
the minimum capacitance with VBUS between 4.75V and
5.25V. Since the SRP pulse must not drive VBUS greater
than 2V, the capacitance seen at these voltage levels can be
greater than 96μF, especially if MLCCs are used. Therefore,
the 96μF represents a lower bound on the standard host
bypass capacitance for determining the amplitude and
duration of the current pulse. More capacitance will only
decrease the maximum level that VBUS will rise to for a
given current pulse.
Figure 9 shows an On-The-Go device using the LTC4160/
LTC4160-1 acting as the A device. Additional capacitance
can be placed on the VBUS pin of the LTC4160/LTC4160-
1 when using the overvoltage protection circuit. The B
device may not be able to distinguish between a powered
down LTC4160/LTC4160-1 with overvoltage protection
and a powered down standard host because of this extra
capacitance. In addition, if the SRP pulse raises VBUS
above its UVLO threshold of 4.3V the LTC4160/LTC4160-1
will assume input power is available and will not attempt
to drive VBUS. Therefore, it is recommended that an On-
The-Go device using the LTC4160/LTC4160-1 respond to
data-line pulsing.
When an On-The-Go device using the LTC4160/LTC4160-1
becomes the B device, as in Figure 10, it must send out
a data line pulse followed by a VBUS pulse to request a
session from the A device. The On-The-Go device designer
can choose how much capacitance will be placed on the
VBUS pin of the LTC4160/LTC4160-1 and then generate
a VBUS pulse that can distinguish between a powered
down On-The-Go A device and a powered down standard
host. A suitable pulse can be generated because of the
disparity in the bypass capacitances of an On-The-Go A
device and a standard host even if there is somewhat more
than 6.5μF capacitance connected to the VBUS pin of the
LTC4160/LTC4160-1.
Board Layout Considerations
The Exposed Pad on the backside of the LTC4160/
LTC4160-1 package must be securely soldered to the PC
board ground. This is the primary ground pin in the pack-
age, and it serves as the return path for both the control
circuitry and N-channel MOSFET switch.
Furthermore, due to its high frequency switching circuitry,
it is imperative that the input capacitor, inductor, and output
capacitor be as close to the LTC4160/LTC4160-1 as pos-
sible and that there be an unbroken ground plane under the
LTC4160/LTC4160-1 and all of its external high frequency
components. High frequency current, such as the VBUS
current tends to find its way on the ground plane along a
mirror path directly beneath the incident path on the top
of the board. If there are slits or cuts in the ground plane
due to other traces on that layer, the current will be forced
to go around the slits. If high frequency currents are not
allowed to flow back through their natural least-area path,
excessive voltage will build up and radiated emissions will
occur (see Figure 11). There should be a group of vias
directly under the grounded backside leading directly
down to an internal ground plane. To minimize parasitic
inductance, the ground plane should be as close as pos-
sible to the top plane of the PC board (layer 2).
Figure 9. LTC4160/LTC4160-1 as the A Device
ON-THE-GO
POWER
MANAGER
ON-THE-GO
TRANSCEIVER
B DEVICE
41601 F11
A DEVICE
D+
D–
OVSENS
OVGATE
VBUS
CB
<6.5μF
CA
<6.5μF
WITHOUT OVP
OVP
(OPTIONAL)
ON-THE-GO
TRANSCEIVER
LTC4160/
LTC4160-1
ENOTG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com