Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4160EPDC Datasheet(PDF) 28 Page - Linear Technology

Part # LTC4160EPDC
Description  Switching Power Manager with USB On-The-Go And Overvoltage Protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4160EPDC Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC4160EPDC Datasheet HTML 24Page - Linear Technology LTC4160EPDC Datasheet HTML 25Page - Linear Technology LTC4160EPDC Datasheet HTML 26Page - Linear Technology LTC4160EPDC Datasheet HTML 27Page - Linear Technology LTC4160EPDC Datasheet HTML 28Page - Linear Technology LTC4160EPDC Datasheet HTML 29Page - Linear Technology LTC4160EPDC Datasheet HTML 30Page - Linear Technology LTC4160EPDC Datasheet HTML 31Page - Linear Technology LTC4160EPDC Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
LTC4160/LTC4160-1
28
41601f
TYPICAL APPLICATIONS
Low Component Count Switching Battery Charger with USB On-The-Go
Low Component Count Power Manager/Battery Charger with USB On-The-Go and Low Battery Start-Up
VBUS
USB
WALL ADAPTER
USB
ON-THE-GO
L1
3.3μH
TO μC
SYSTEM
LOAD
C3
22μF
0805
C2
0.1μF
0402
17
8
13
1
2
15
16
5
7
3.01k
1k
41601 TA03
CLPROG
20
NTC
PROG
LTC4160/LTC4160-1
SW
ENCHARGER
ID
19
NTCBIAS
9
3
VBUSGD
CHRG
4
FAULT
VOUT
IDGATE
LDO3V3
BAT
14
12
GND
21
10
18
11
Li-Ion
+
C1
10μF
0805
OVGATE
OVSENS
ILIM0
ILIM1
6
ENOTG
C1: MURATA GRM21BR7A106KE51L
C3: TAYIO YUDEN JMK212BJ226MG
L1: COILCRAFT LPS4018-332LM
VBUS
USB
WALL ADAPTER
USB
ON-THE-GO
L1
3.3μH
TO μC
SYSTEM
LOAD
C3
22μF
0805
C2
0.1μF
0402
17
8
13
1
2
15
16
5
7
3.01k
1k
41601 TA02
CLPROG
20
NTC
PROG
LTC4160/LTC4160-1
SW
ENCHARGER
ID
19
NTCBIAS
9
3
VBUSGD
CHRG
4
FAULT
VOUT
IDGATE
BAT
LDO3V3
14
12
GND
21
10
11
18
Li-Ion
+
C1
10μF
0805
OVGATE
OVSENS
ILIM0
ILIM1
6
ENOTG
C1: MURATA GRM21BR7A106KE51L
C3: TAYIO YUDEN JMK212BJ226MG
L1: COILCRAFT LPS4018-332LM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com