Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4160EPDC Datasheet(PDF) 32 Page - Linear Technology

Part # LTC4160EPDC
Description  Switching Power Manager with USB On-The-Go And Overvoltage Protection
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4160EPDC Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC4160EPDC Datasheet HTML 24Page - Linear Technology LTC4160EPDC Datasheet HTML 25Page - Linear Technology LTC4160EPDC Datasheet HTML 26Page - Linear Technology LTC4160EPDC Datasheet HTML 27Page - Linear Technology LTC4160EPDC Datasheet HTML 28Page - Linear Technology LTC4160EPDC Datasheet HTML 29Page - Linear Technology LTC4160EPDC Datasheet HTML 30Page - Linear Technology LTC4160EPDC Datasheet HTML 31Page - Linear Technology LTC4160EPDC Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
LTC4160/LTC4160-1
32
41601f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2009
LT 0409 • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER DESCRIPTION
COMMENTS
Power Management
LTC3556
Switching USB Power Manager with
Li-Ion/Polymer Charger Plus Dual Buck
Plus Buck-Boost DC/DC
Maximizes Available Power from USB Port, Bat-Track, Instant-On Operation, 1.5A Max
Charge Current, 180mΩ Ideal Diode with <50mΩ Option, 3.3V/25mA Always-On LDO, Two
400mA Buck Regulators, One 1A Buck-Boost Regulator, 4mm
× 5mm 28-Pin QFN Package
LTC3576/
LTC3576-1
Switching USB Power Manager with USB
On-The-Go Plus Triple Buck DC/DC
Maximizes Available Power from USB Port, Bat-Track, 5V Boost for USB On-The-Go,
Instant-On Operation, 1.5A Max Charge Current, 180mΩ Ideal Diode with <50mΩ Option,
Controller for External High Voltage Buck Regulator, Protection Against Transients of Up
to 68V, 3.3V/20mA Always-On LDO, Two 400mA and One 1A Buck Regulators, 4.1V Float
Voltage (LTC3576-1), 4mm
× 6mm 38-Pin QFN Package
LTC3586/
LTC3586-1
Switching USB Power Manager with
Li-Ion/Polymer Charger Plus Dual Buck
Plus Buck-Boost Plus Boost DC/DC
Maximizes Available Power from USB Port, Bat-Track, Instant-On Operation, 1.5A Max
Charge Current, 180mΩ Ideal Diode with <50mΩ Option, 3.3V/25mA Always-On LDO, Two
400mA Synchronous Buck Regulators, One 1A Buck-Boost Regulator, One 600mA Boost
regulator, 4.1V Float Voltage (LTC3586-1) 4mm
× 6mm 38-Pin QFN Package
LTC4098/
LTC4098-1
Switching USB Power Manager and Battery
Charger With Overvoltage Protection
Maximizes Available Power from USB Port, Bat-Track, Instant-On Operation, 1.5A Max
Charge Current, 180mΩ Ideal Diode with <50mΩ Option, Controller for External High
Voltage Buck Regulator, Protection Against Transients Up to 68V, 4.1V Float Voltage
(LTC4098-1), 4mm
× 3mm 20-Pin UTQFN Package
LTC4099
I2C Controlled USB Power Manager
and Battery Charger With Overvoltage
Protection
Maximizes Available Power from USB Port, Bat-Track, Instant-On Operation, 1.5A Max
Charge Current, 180mΩ Ideal Diode with <50mΩ Option, Controller for External High Voltage
Buck Regulator, Protection Against Transients of Up to 68V, I2C Control of Input/Charge
Current and Float Voltage with Status Read Back, 4mm
× 3mm 20-Pin UTQFN Package
Power Manager/Battery Charger with Automatic USB On-The-Go and Overvoltage Protection
TO μC
15
16
6
7 ENCHARGER
ENOTG
19
NTCBIAS
ILIM0
ILIM1
5
ID
TO USB
TRANSCEIVER
J1
MICRO-AB
VBUS
USB
ON-THE-GO
L1
3.3μH
M1
C3
22μF
0805
C2
0.1μF
0402
17
8
13
1
2
3.01k
1k
41601 TA06
CLPROG
20
NTC
PROG
LTC4160/LTC4160-1
SW
9
3
VBUSGD
CHRG
4
FAULT
VOUT
IDGATE
BAT
VBUS
D–
D+
ID
GND
LDO3V3
RTC
SYSTEM
LOAD
14
12
GND
21
10
11
18
Li-Ion
+
1μF
OVGATE
OVSENS
C1, C3: TAYIO YUDEN JMK212BJ226MG
J1: HIROSE ZX62-AB-5PA
L1: COILCRAFT LPS4018-332LM
M1: FAIRCHILD FDN372S
M2: SILICONIX Si2333DS
R1: 1/10 WATT RESISTOR
VBUS POWERS UP WHEN ID PIN HAS
LESS THAN 10Ω TO GND
(MICRO-A PLUG CONNECTED)
R1
6.2k
10k
10k
10k
C1
22μF
0805
TO μC
M2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com