Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT7610 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # SPT7610
Description  6-BIT, 1 GSPS FLASH A/D CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7610 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  SPT7610 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7610 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7610 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7610 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7610 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7610 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7610 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7610 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7610 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
1/21/02
SPT7610
Figure 1 – Timing Diagram
2
FIRST
RISING EDGE
POWER
ON
8
OUTPUT
BANK A
(DA0-6)
OUTPUT
BANK B
(DB0-6)
DRA
CLK IN
DRB
VIN
NDRA
NDRB
TEST
3
5
4
2
1
6
INVALID DATA
1
ADC (Normal Operation)
9
10
11
8
TEST MODE
7
tsu
tdr
tod
tdr
tod
ADC (Normal Operation)
INVALID DATA
INVALID DATA
INVALID DATA
7
9
Bank A Test Pattern 1:
- Even Bits = Hi
- Odd Bits = Low
Bank B Test Pattern 1:
- Even Bits = Hi
- Odd Bits = Low
Bank A Test Pattern 2:
- Even Bits = Low
- Odd Bits = Hi
Bank B Test Pattern 2:
- Even Bits = Low
- Odd Bits = Hi
LOGIC LOW
Figure 2 – Test Mode Timing Diagram
CLK (1 GHz)
DRA
DRA
Data Bank A
DRB
DRB
Data Bank B
VIN
N
N+1
N+2
N+3
N+4
1 nsec
todB
tdrB
tdrA
N–2
N
todA
N–1
N–3
OutputB Skew
(toskB)
N+1
N+2
DOB–DRB Delay
(todrB)
OutputA Skew
(toskA)
DOA–DRA Delay
(todrA)
N+5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com