Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT7610 Datasheet(PDF) 10 Page - Cadeka Microcircuits LLC.

Part # SPT7610
Description  6-BIT, 1 GSPS FLASH A/D CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7610 Datasheet(HTML) 10 Page - Cadeka Microcircuits LLC.

Back Button SPT7610 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7610 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7610 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7610 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7610 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7610 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7610 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7610 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7610 Datasheet HTML 10Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
1/21/02
SPT7610
ORDERING INFORMATION
PART NUMBER
TEMPERATURE RANGE
PACKAGE
SPT7610SIQ
–40 to +85 °C
44L Cerquad
PIN ASSIGNMENTS
PIN FUNCTIONS
Name
Function
AVEE
Negative Supply; nominally –5.2 V
AGND
Analog Ground
VRTF
Reference Voltage Force Top; nominally 0 V
VRTS
Reference Voltage Sense Top
VRM
Reference Voltage Middle; nominally –0.5 V
VRBF
Reference Voltage Force Bottom; nominally –1.0 V
VRBS
Reference Voltage Sense Bottom
VIN
Analog Input Voltage; can be either Voltage or
Sense
DGND
Digital Ground
D0–D5A
Data Output Bank A
D0–D5B
Data Output Bank B
DRA
Data Ready Bank A
NDRA
Not Data Ready Bank A
DRB
Data Ready Bank B
NDRB
Not Data Ready Bank B
D6A
Overrange Output Bank A
D6B
Overrange Output Bank B
CLK
Clock Input
NCLK
Clock Input
MINV
MSB Control Pin
LINV
LSB Control Pin
TEST
Test Control Pin
VR1
Reference Voltage 1/4, nominally –0.75 V
VR3
Reference Voltage 3/4, nominally –0.25 V
SPT7610
Top View
44
1
VRBS
MINV
Test
AGND
AVEE
D6A
D5A
D4A
D3A
DGND
D2A
VRTS
AGND
CLK
NCLK
AGND
LINV
AVEE
DRB
NDRB
D0B
D1B
43 42 41 40 39 38 37 36 35 34
33
32
31
30
29
28
27
26
25
24
23
12 13 14 15 16 17 18 19 20 21 22
2
3
4
5
6
7
8
9
10
11



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com