Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT7610 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # SPT7610
Description  6-BIT, 1 GSPS FLASH A/D CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7610 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  SPT7610 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7610 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7610 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7610 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7610 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7610 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7610 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7610 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7610 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SPT7610
6-BIT, 1 GSPS FLASH A/D CONVERTER
JANUARY 21, 2002
FEATURES
• 1:2 demuxed ECL-compatible outputs
• 1.0 GSPS conversion rate
• Wide input bandwidth: 1.4 GHz
• Low input capacitance: 8 pF
• Metastable errors reduced to 1 LSB
• Monolithic construction
• Binary/Two’s complement output
APPLICATIONS
• Radar, EW, ECM
• Direct RF down-conversion
• Microwave modems
• Industrial ultrasound
• Transient capture
• Test and measurement
GENERAL DESCRIPTION
The SPT7610 is a full parallel (flash) analog-to-digital con-
verter capable of digitizing full-scale (0 to –1 V) inputs into
six-bit digital words at an update rate of 1 GSPS. The
ECL-compatible outputs are demultiplexed into two sepa-
rate output banks, each with differential data-ready out-
puts to ease the task of data capture. The SPT7610’s wide
input bandwidth and low capacitance eliminate the need
for external track-and-hold amplifiers for most applica-
tions. A proprietary decoding scheme reduces metastable
errors to the 1 LSB level. The SPT7610 operates from a
single –5.2 V supply, with a nominal power dissipation of
2.75 W.
The SPT7610 is available in a 44L hermetic cerquad
surface-mount package in the industrial temperature
range (–40 °C to +85 °C).
64
63
49
48
33
32
17
16
2
1
CLOCK
BUFFER
DO
(LSB)
D1
D2
D3
D4
D5
(MSB)
D6
(OVR)
V
RT
Analog
Input
Preamp
Comparator
V
RM
V
RB
CLKCLK
DEMUX
CLOCK
BUFFER
DRB (DATA READY)
DRB (DATA READY)
D6B (OVR)
D5B (MSB)
D4B
D3B
D2B
D1B
D0B (LSB)
DRA (DATA READY)
DRA (DATA READY)
D6A (OVR)
D5A (MSB)
D4A
D3A
D2A
D1A
D0A (LSB)
D6B
D5B
D4B
D3B
D2B
D1B
D0B
D6A
D5A
D4A
D3A
D2A
D1A
D0A
BANK B
BANK A
VR1
V
R3
MINV
LINV
TESTA-
BILITY
TEST
BLOCK DIAGRAM


Similar Part No. - SPT7610

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7610 FAIRCHILD-SPT7610 Datasheet
97Kb / 10P
6-BIT, 1 GSPS FLASH A/D CONVERTER
SPT7610SIQ FAIRCHILD-SPT7610SIQ Datasheet
97Kb / 10P
6-BIT, 1 GSPS FLASH A/D CONVERTER
More results

Similar Description - SPT7610

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6104 NPC-SM6104 Datasheet
199Kb / 7P
6-BIT FLASH A/D CONVERTER
logo
Sony Corporation
CXA1866Q SONY-CXA1866Q Datasheet
594Kb / 24P
6-bit 140MSPS Flash A/D Converter
CXA3086Q SONY-CXA3086Q Datasheet
775Kb / 30P
6-bit 140MSPS Flash A/D Converter
logo
Fairchild Semiconductor
SPT7610 FAIRCHILD-SPT7610 Datasheet
97Kb / 10P
6-BIT, 1 GSPS FLASH A/D CONVERTER
logo
List of Unclassifed Man...
SPT7760 ETC-SPT7760 Datasheet
98Kb / 8P
8-BIT, 1 GSPS FLASH A/D CONVERTER
logo
Intersil Corporation
HA-5701 INTERSIL-HA-5701 Datasheet
202Kb / 12P
6-Bit, 30MSPS, Flash A/D Converter
September 9, 2005
HI-5701 INTERSIL-HI-5701_05 Datasheet
202Kb / 12P
6-Bit, 30MSPS, Flash A/D Converter
September 9, 2005
logo
Cadeka Microcircuits LL...
CDK1303 CADEKA-CDK1303 Datasheet
1Mb / 9P
8-bit, 1 GSPS, Flash A/D Converter
SPT7760 CADEKA-SPT7760 Datasheet
282Kb / 8P
8-BIT, 1 GSPS, FLASH A/D CONVERTER
logo
Renesas Technology Corp
HI-5701 RENESAS-HI-5701 Datasheet
588Kb / 12P
6-Bit, 30MSPS, Flash A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com