Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT7610 Datasheet(PDF) 3 Page - Cadeka Microcircuits LLC.

Part # SPT7610
Description  6-BIT, 1 GSPS FLASH A/D CONVERTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7610 Datasheet(HTML) 3 Page - Cadeka Microcircuits LLC.

  SPT7610 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7610 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7610 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7610 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7610 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7610 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7610 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7610 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7610 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
1/21/02
SPT7610
ELECTRICAL SPECIFICATIONS
TA = TMIN to TMAX, AVEE = –5.2 V, VRB = –1.00 V, VRM = –0.5 V, VRT = 0.00 V, ƒCLK = 1000 MSPS, Duty Cycle = 50%, unless otherwise specified.
TEST
TEST
SPT7610
PARAMETERS
CONDITIONS
LEVEL
MIN
TYP
MAX
UNITS
Timing Characteristics
Clock to Data Ready delay (tdr)
Data Bank A
+25 °C case
V
1.68
ns
Data Bank B
+25 °C case
V
1.73
ns
Clock to Output Data (tod)
Data Bank A
+25 °C case
V
2.14
ns
Data Bank B
+25 °C case
V
2.00
ns
Output Data to Data Ready (todr)
Data Bank A
–40 to 85 °C case
IV
1.54
ns
Data Bank B
–40 to 85 °C case
IV
1.73
ns
Output Data Skew (tosk)
–40 to 85 °C case
IV
–150
150
ps
Aperture Jitter
V
2
ps
Acquisition Time
V
250
ps
Dynamic Performance
Spurious Free Dynamic Range (SFDR)
ƒIN = 250 MHz
V
45
dB
ƒIN = 400 MHz
V
34
dB
Signal-to-Noise and Distortion (SINAD)
ƒIN = 250 MHz
VI
31
34
dB
ƒIN = 400 MHz
VI
28
32
dB
Signal to Noise Ratio (SNR)
ƒIN = 250 MHz
VI
33
36
dB
ƒIN = 400 MHz
VI
32
36
dB
Total Harmonic Distortion (THD)
ƒIN = 250 MHz
VI
–40
–37
dB
ƒIN = 400 MHz
VI
–34
–30
dB
TEST LEVEL CODES
All electrical characteristics are subject to the
following conditions:
All parameters having min/max specifications
are guaranteed. The Test Level column indi-
cates the specific device testing actually per-
formed during production and Quality Assur-
ance inspection. Any blank section in the data
column indicates that the specification is not
tested at the specified condition.
Unless otherwise noted, all test are pulsed
tests; therefore, TJ = TC = TA.
LEVEL
TEST PROCEDURE
I
100% production tested at the specified temperature.
II
100% production tested at TA = +25 °C, and sample tested at the
specified temperatures.
III
QA sample tested only at the specified temperatures.
IV
Parameter is guaranteed (but not tested) by design and characteri-
zation data.
V
Parameter is a typical value for information purposes only.
VI
100% production tested at TA = +25 °C. Parameter is guaranteed
over specified temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com