Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS61535A Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS61535A
Description  T1/E1 Line Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61535A Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS61535A Datasheet HTML 15Page - Cirrus Logic CS61535A Datasheet HTML 16Page - Cirrus Logic CS61535A Datasheet HTML 17Page - Cirrus Logic CS61535A Datasheet HTML 18Page - Cirrus Logic CS61535A Datasheet HTML 19Page - Cirrus Logic CS61535A Datasheet HTML 20Page - Cirrus Logic CS61535A Datasheet HTML 21Page - Cirrus Logic CS61535A Datasheet HTML 22Page - Cirrus Logic CS61535A Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
LPSHGDQFH VWDWH HLWKHU DIWHUELW' LV RXWSXW RUDW
WKH HQG RIWKH KROG SHULRG RIGDWD ELW '
$Q D GGUHVVFRPPDQG E\W H V KRZQL Q7 DEOH
SUHFHGHV D GDWD UHJLVWHU7 KHI LUVWEL WRI WKH DG
GUHVVFRPPDQG E \WH GH WHUPLQHV ZKHWKHU D U HDG
RUDZU LWH LV UHTXHVWHG7KH QH[W VL[ELWV FRQWDLQ
WKHDGG UHVV 7 KH&6 $ UHVSRQGV WR DGGUHVV
   7KH ODVW ELW LVLJQRUHG
7KH GDWD UHJLVWHU VKRZQLQ7DEOH  FDQEHZULW
WHQ WR WKH VHULDO S RUW 'DWD L V LQSXW RQ WK HH LJKW
FORFN F\F OHVL PPHGLDWHO\I ROORZLQJWK HDG 
GUHVVFRPPDQGE\WH%LWV DQGDU HXV HG WR
FOHDUDQLQW HUUXSW LVVXHG IURP WKH ,17 SLQ ZKLFK
RFFXUV LQUHVSRQVH WR DORVV RI VLJQDORUD SUREOHP
ZLWKWKH RXWSXWGULYHU ,I ELWV RUDUHWUX H WKH
FRUUHVSRQGLQJLQWHUUXSWLV VXSSUHVVHG 6RLI D ORVV
RI VLJQDOLQWHUUXSW LV FOHDUHG E\ ZULWLQJ DW RELW
 WKH LQWHUUXSW ZLOO EH UHHQDEOHG E\ ZULWLQJ D  WR
ELW 7KLV KROGV IRU '30DV ZHOO
:ULWLQJD WRHLWKHU&OHDU / 26 RU &OHDU
'30RYHU WKH VHULDOLQWHUIDFH KDVWKUHH HIIHFWV
 WKHF XUUHQW L QWHUUXSW RQ WK HVHULDO LQWHUIDFH
ZLOOEH FOHDUHG 1RWHWKDW VLPSO\UHDGLQJWKH
UHJLVWHUELWV ZLOOQRWFOHDUWKH LQWHUUXSW 
 RXWSXW GDWD ELWV  D QG ZLOO EH UHVHW DV
DSSURSULDWH
 IXWXUHLQWHUUXSWVIRUWKHFRUUHVSRQGLQJ/26
RU'30ZLOO EHSUHYHQWHGIURPRFFXULQJ 
:ULWLQJDWRHLWKHU
&OHDU/26 RU & OHDU
'30 H QDEOHV W KHF RUUHVSRQGLQJ L QWHUUXSW I RU
/26RU'30
2XWSXWGDWD IURP WKHVHULDOLQWHUIDFHLV SUHVHQWHG
DV VKRZQLQ7DEOHV  DQG %LWV  DQG FDQ
EH UHDG W R YHULI\O LQH OH QJWKV HOHFWLRQ %LWV  
DQGPXV WEHGH FRGHG &RGHV  DQG
ELWV DQ G LQ GLFDWH / 26 DQ G' 30 V WDWH
FKDQJHV :ULWLQJ D  WR WKH &OHDU /26 DQGRU
&OHDU'30 ELWV LQ WKH UHJLVWHUDOVR UHVHWV VWDWXV
ELWV  DQG
6'2JRHV WR DKL JKLPSHGDQFH VWDWH ZKHQ QRW LQ
XVH 6'2DQG6', PD\EHWLHG WRJHWKHULQ DSSOL
FDWLRQV ZKHUH W KH KRVW S URFHVVRU KDV D
ELGLUHFWLRQDO,2SRUW
LSB: first bit in
0
clr LOS Clear Loss of Signal
1 clr DPM Clear Driver Performance Monitor
2
LEN0
Bit 0 - Line Length Select
3
LEN1
Bit 1 - Line Length Select
4
LEN2
Bit 2 - Line Lenght Select
5 RLOOP Remote Loopback
6
LLOOP Local Loopback
MSB: last bit in
7
TAOS
Transmit All Ones Select
Table 8. Input Data Register
LSB: first bit in
0
LOS
Loss of Signal
1
DPM
Driver Performance Monitor
2
LEN0
Bit 0 - Line Length Select
3
LEN1
Bit 1 - Line Length Select
4
LEN2
Bit 2 - Line Lenght Select
Table 9. Output Data Bits 0 - 4
Bits
Status
56 7
 Reset has occurred or no program input.
 TAOS in effect.
 LLOOP in effect.
 TAOS/LLOOP in effect.
 RLOOP in effect
 DPM changed state since last "clear DPM"
occured.
 LOS changed state since last "clear LOS"
occured.
 LOS and DPM have changed state since
last "clear LOS" and "clear DPM".
Table 10. Coding for Serial Output Bits 5, 6, 7
CS61535A
DS40F3
19
-XO¶
&21),'(17,$/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com