Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS61535A Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS61535A
Description  T1/E1 Line Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61535A Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS61535A Datasheet HTML 25Page - Cirrus Logic CS61535A Datasheet HTML 26Page - Cirrus Logic CS61535A Datasheet HTML 27Page - Cirrus Logic CS61535A Datasheet HTML 28Page - Cirrus Logic CS61535A Datasheet HTML 29Page - Cirrus Logic CS61535A Datasheet HTML 30Page - Cirrus Logic CS61535A Datasheet HTML 31Page - Cirrus Logic CS61535A Datasheet HTML 32Page - Cirrus Logic CS61535A Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
APPLICATIONS
Line Interface
)LJXUHV $ $V KRZW KHW \SLFDO FRQ ILJXUDWLRQV
IRULQWHUIDFLQJWKH,& WR D OLQH WKURXJKWUDQVPLW
DQG UHFHLYH WUDQVIRUPHUV
7KH U HFHLYHU WU DQVIRUPHU L V FHQ WHU W DSSHG D QG
FHQWHUJURXQGHGZLWK UHVLVWRUV EHWZHHQWKH FHQWHU
WDS DQG HDFK OHJ RQ WKH ,& VLGH 7KHVH UHVLVWRUV
SURYLGHWKH WHUPLQDWLRQIRUWKH OLQH
)LJXUHV $$VKRZD μ)FDSDFLWRULQ VHULHV
ZLWK WKH WU DQVPLWWU DQVIRUPHU SU LPDU\ 7K LV FD 
SDFLWRUL V QHHGHG WR SUH YHQWDQ \EX LOGXSL QWK H
FRUHRIWK HWUDQVIRUPHU GXHWR DQ\ '& LPEDODQFH
WKDWP D\EHSU HVHQWDWWKHGL IIHUHQWLDOR XWSXWV
77,3 D QG7 5,1* ,I'&VD WXUDWHVWKH WUD QV
IRUPHUD' &RI IVHWZLOOU HVXOWGX ULQJW KH
WUDQVPLVVLRQ RID VSDFH ]HUR DV WKHWUDQVIRUPHU
WULHV W RGX PS WK HFK DUJH D QG U HWXUQ WR H TXLOLE
ULXP7 KH EOR FNLQJF DSDFLWRU ZL OON HHS ' &
FXUUHQW IURPIORZLQJLQWKHWUDQVIRUPHU
Selecting an Oscillator Crystal
6SHFLILFFU \VWDOS DUDPHWHUV DU H U HTXLUHG I RU
SURSHURSH UDWLRQRIWK H&6 $ Refer to
Control
&
Monitor
Frame
Format
Encoder/
Decoder
CS61535A
IN
HOST
MODE
RECEIVE
LINE
TRANSMIT
LINE
28
1
12
11
5
7
6
8
3
4
2
9
10
XTL
RV+
+
68
μF
RGND
0.1
μF
+5V
21
15
+
1.0
μF
TGND
RV+
TV+
CLKE
ACLKI
LOS
DPM
MODE
RPOS
RNEG
RCLK
TPOS
TNEG
TCLK
XTALIN
XTALOUT
RGND
TGND
22
14
SCLK
CS
INT
SDI
SDO
RTIP
RRING
MTIP
MRING
TRING
TTIP
19
20
17
18
16
13
R1
R2
0.47
μF
CT 2:1
μP
Serial
Port
27
26
23
24
25
+5V
100 k
Ω
DEVICE
FREQUENCY
MHz
CABLE
Ω
R1&2
Ω
Transmit
Transformer
CS61535A
1.544
2.048
2.048
100
120
75
200
240
150
1:1.15
1:1.26
1:1
Figure A1. Host Mode Configuration
CS61535A
DS40F3
29
-XO¶
&21),'(17,$/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com