Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS61535A Datasheet(PDF) 35 Page - Cirrus Logic

Part # CS61535A
Description  T1/E1 Line Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61535A Datasheet(HTML) 35 Page - Cirrus Logic

Back Button CS61535A Datasheet HTML 28Page - Cirrus Logic CS61535A Datasheet HTML 29Page - Cirrus Logic CS61535A Datasheet HTML 30Page - Cirrus Logic CS61535A Datasheet HTML 31Page - Cirrus Logic CS61535A Datasheet HTML 32Page - Cirrus Logic CS61535A Datasheet HTML 33Page - Cirrus Logic CS61535A Datasheet HTML 34Page - Cirrus Logic CS61535A Datasheet HTML 35Page - Cirrus Logic CS61535A Datasheet HTML 36Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
CS61535A
DS40F3
35
APPENDIX A. RECOMMENDED CRYSTAL SPECIFICATIONS
Cirrus Logic telecommunication devices that offer jitter attenuation require crystals with specifications for
frequency pullability. The crystal oscillation frequency is dictated by capacitive loading, which is con-
trolled by the chip. Therefore, the crystals must meet the following specifications.
6.176 MHz Crystal Performance Specifications
8.192 MHz Crystal Performance Specifications
Notes:
1. With Cload varying from 11.6 to 37.0 pF at a given temperature.
2. Measured at -40 to 85
°C.
3. Measured with Saunders 150D meter at 25
°C.
Parameter
Min
Typ
Max
Units
Total Frequency Range
(Note 1)
-
370
390
ppm
Operating Frequency
Cload = 11.6 pF
(Note 2)
Cload = 19.0 pF
(Note 3)
Cload = 37.0 pF
(Note 2)
6.176803
6.175846
-
-
6.176000
-
-
6.176154
6.175197
MHz
MHz
MHz
Parameter
Min
Typ
Max
Units
Total Frequency Range
(Note 1)
-
210
245
ppm
Operating Frequency
Cload = 11.6 pF
(Note 2)
Cload = 19.0 pF
(Note 3)
Cload = 37.0 pF
(Note 2)
8.192410
8.191795
-
-
8.192000
-
-
8.192205
8.191590
MHz
MHz
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com