Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS61535A Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS61535A
Description  T1/E1 Line Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61535A Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS61535A Datasheet HTML 28Page - Cirrus Logic CS61535A Datasheet HTML 29Page - Cirrus Logic CS61535A Datasheet HTML 30Page - Cirrus Logic CS61535A Datasheet HTML 31Page - Cirrus Logic CS61535A Datasheet HTML 32Page - Cirrus Logic CS61535A Datasheet HTML 33Page - Cirrus Logic CS61535A Datasheet HTML 34Page - Cirrus Logic CS61535A Datasheet HTML 35Page - Cirrus Logic CS61535A Datasheet HTML 36Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
Application
Turns
Ratio(s)
Manufacturer
Part Number
Package Type
RX:
T1 & E1
1:2CT
Pulse Engineering
PE-65351
1.5 kV through-hole, single
Schott
67129300
Bel Fuse
0553-0013-HC
TX:
T1
1:1.15
Pulse Engineering
PE-65388
1.5 kV through-hole, single
Schott
67129310
Bel Fuse
0553-0013-RC
TX:
E1 (75 & 120
Ω)
1:1.26
1:1
Pulse Engineering
PE-65389
1.5 kV through-hole, single
Schott
67129320
Bel Fuse
0553-0013-SC
RX &TX:
T1
1:2CT
1:1.15
Pulse Engineering
PE-65565
1.5 kV through-hole, dual
Bel Fuse
0553-0013-7J
RX &TX:
E1 (75 & 120
Ω)
1:2CT
1:1.26
1:1
Pulse Engineering
PE-65566
1.5 kV through-hole, dual
Bel Fuse
0553-0013-8J
RX &TX:
T1
1:2CT
1:1.15
Pulse Engineering
PE-65765
1.5 kVsurface-mount, dual
Bel Fuse
S553-0013-06
RX &TX:
E1 (75 & 120
Ω)
1:2CT
1:1.26
1:1
Pulse Engineering
PE-65766
1.5 kV surface-mount, dual
Bel Fuse
S553-0013-07
RX :
T1 & E1
1:2CT
Pulse Engineering
PE-65835
3 kV through-hole, single
EN60950, EN41003 approved
TX:
E1 (75 & 120
Ω)
1:1.26
1:1
Pulse Engineering
PE-65839
3 kV through-hole, single
EN60950, EN41003 approved
Table A3. Recommended Transformers For The CS61535A
CS61535A
34
DS40F3
-XO¶
&21),'(17,$/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com