Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS27C256-30ECAI Datasheet(PDF) 8 Page - Austin Semiconductor

Part # AS27C256-30ECAI
Description  256K UVEPROM UV Erasable Programmable Read-Only Memory
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS27C256-30ECAI Datasheet(HTML) 8 Page - Austin Semiconductor

Back Button AS27C256-30ECAI Datasheet HTML 4Page - Austin Semiconductor AS27C256-30ECAI Datasheet HTML 5Page - Austin Semiconductor AS27C256-30ECAI Datasheet HTML 6Page - Austin Semiconductor AS27C256-30ECAI Datasheet HTML 7Page - Austin Semiconductor AS27C256-30ECAI Datasheet HTML 8Page - Austin Semiconductor AS27C256-30ECAI Datasheet HTML 9Page - Austin Semiconductor AS27C256-30ECAI Datasheet HTML 10Page - Austin Semiconductor AS27C256-30ECAI Datasheet HTML 11Page - Austin Semiconductor AS27C256-30ECAI Datasheet HTML 12Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
UVEPROM
UVEPROM
UVEPROM
UVEPROM
UVEPROM
AS27C256
AS27C256
Rev. 2.0 7/06
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
8
Austin Semiconductor, Inc.
RECOMMENDED TIMING REQUIREMENTS FOR PROGRAMMING: V
CC
= 6.5 and V
PP
=
12.75V (AMD FLASHRITE ALGO), T
A
= 25°C (See Figure 2)
PARAMETER MEASUREMENT INFORMATION
NOTES:
1. C
L
includes probe and fixture capacitance.
FIGURE 2. LOAD CIRCUIT AND VOLTAGE WAVEFORMS
The AC testing inputs are driven at 2.4V for logic high and 0.4V for logic low. Timing measurements are made
at 2V for logic high and 0.8V for logic low for both inputs and outputs.
2.08V
Output Under Test
R
L = 800Ω
CL = 100 pF1
MIN
TYP
MAX
UNIT
th(A)
0µs
th(D)
2µs
tw(E)PR
95
100
105
µs
tsu(A)
2µs
tsu(G)
2µs
tsu(E)
2µs
tsu(D)
2µs
tsu(VPP)
2µs
tsu(VCC)
2µs
Hold Time, Address
Hold Time, Data
Setup Time, Address
Pulse Duration, Initial Program
Setup Time, VCC
Setup Time, G\
Setup Time, E\
Setup Time, Data
Setup Time, VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com