Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS27C256-30ECAI Datasheet(PDF) 1 Page - Austin Semiconductor

Part # AS27C256-30ECAI
Description  256K UVEPROM UV Erasable Programmable Read-Only Memory
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS27C256-30ECAI Datasheet(HTML) 1 Page - Austin Semiconductor

  AS27C256-30ECAI Datasheet HTML 1Page - Austin Semiconductor AS27C256-30ECAI Datasheet HTML 2Page - Austin Semiconductor AS27C256-30ECAI Datasheet HTML 3Page - Austin Semiconductor AS27C256-30ECAI Datasheet HTML 4Page - Austin Semiconductor AS27C256-30ECAI Datasheet HTML 5Page - Austin Semiconductor AS27C256-30ECAI Datasheet HTML 6Page - Austin Semiconductor AS27C256-30ECAI Datasheet HTML 7Page - Austin Semiconductor AS27C256-30ECAI Datasheet HTML 8Page - Austin Semiconductor AS27C256-30ECAI Datasheet HTML 9Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
UVEPROM
UVEPROM
UVEPROM
UVEPROM
UVEPROM
AS27C256
AS27C256
Rev. 2.0 7/06
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
1
Austin Semiconductor, Inc.
FEATURES
• Organized 32,768 x 8
• Single +5V ±10% power supply
• Pin-compatible with existing 256K ROM’s and EPROM’s
• All inputs/outputs fully TTL compatible
• Power-saving CMOS technology
• Very high-speed FLASHRITE Pulse Programming
• 3-state output buffers
• 400-mV DC assured noise immunity with standard TTL
loads
• Latchup immunity of 250 mA on all input and output pins
• Low power dissipation (CMOS Input Levels)
-Active - 165mW Worst Case
-Standby - 1.7mW Worst Case (CMOS-input levels)
* FUTURE High Speed Offerings: 55ns, 70ns, 90ns
OPTIONS
MARKING
• Timing
120ns access
-12
150ns access
-15
170ns access
-17
200ns access
-20
250ns access
-25
300ns access
-30
55ns access
-55
70ns access
-70
90ns access
-90
• Package(s)
Ceramic DIP (600mils)
J
No. 110
Ceramic LCC (450 x 550 mils) ECA No. 208
• Processing / Operating Temperature Ranges
Full Military (-55oC to +125oC)
M
Industrial (-40°C to +85°C)
I
Military Temp (-55oC to +125oC)
XT
PIN ASSIGNMENT
(Top View)
AVAILABLE AS MILITARY
SPECIFICATIONS
• -55C to 125C operation
• MILITARY Processing Method MIL-PRF-38535, Class Q
• Commercial Version Available
28-Pin DIP (J)
(600 MIL)
256K UVEPROM
UV Erasable Programmable
Read-Only Memory
For more products and information
please visit our web site at
www.austinsemiconductor.com
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
V
PP
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
GND
Vcc
A14
A13
A8
A9
A11
G\
A10
E\
DQ7
DQ6
DQ5
DQ4
DQ3
32-Pin LCC (ECA)
(450 x 550 mils)
Pin Name
Function
4 3 2 1 32 31 30
14 15 16 17 18 19 20
5
6
7
8
9
10
11
12
13
A7
A6
A5
A4
A3
A2
A1
A0
DQ1
29
28
27
26
25
24
23
22
21
WE
A13
A8
A9
A11
OE
A10
CE1
DQ8
\
\
\
A6
A5
A4
A3
A2
A1
A0
NC
DQ0
A8
A9
A11
NC
G\
A10
E\
DQ7
DQ6
Pin Name
Function
A0 - A14 Address Inputs
DQ0-DQ7 Inputs (programming)/Outputs
E\
Chip Enable/Power Down
G\
Output Enable
GND
Ground
VCC
5V Supply
VPP
13V Programming Power Supply


Similar Part No. - AS27C256-30ECAI

ManufacturerPart #DatasheetDescription
logo
Austin Semiconductor
AS27C010A AUSTIN-AS27C010A Datasheet
281Kb / 11P
1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
logo
Micross Components
AS27C010A MICROSS-AS27C010A Datasheet
281Kb / 11P
Industry standard 32-pin ceramic dual-in-line package
logo
Austin Semiconductor
AS27C010A-12ECAM AUSTIN-AS27C010A-12ECAM Datasheet
281Kb / 11P
1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
AS27C010A-15ECAM AUSTIN-AS27C010A-15ECAM Datasheet
281Kb / 11P
1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
AS27C010A-20ECAM AUSTIN-AS27C010A-20ECAM Datasheet
281Kb / 11P
1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
More results

Similar Description - AS27C256-30ECAI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS27C128 TI-TMS27C128 Datasheet
139Kb / 14P
131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
logo
Austin Semiconductor
SMJ27C040 AUSTIN-SMJ27C040 Datasheet
115Kb / 11P
UV Erasable Programmable Read-Only Memory
logo
fujitsu semiconductor
MB8518H FUJITSU-MB8518H Datasheet
390Kb / 11P
UV ERASABLE 8192-BIT READ ONLY MEMORY
MBM2764 FUJITSU-MBM2764 Datasheet
568Kb / 12P
UV ERASABLE 65536-BIT READ ONLY MEMORY
logo
Texas Instruments
TMS87C257 TI-TMS87C257 Datasheet
333Kb / 9P
Erasable programmable read-only memory
logo
Austin Semiconductor
SMJ27C512 AUSTIN-SMJ27C512 Datasheet
127Kb / 11P
UV Erasable Programmable Read-Only Memory
SMJ27C010A AUSTIN-SMJ27C010A_05 Datasheet
281Kb / 11P
1 MEG UVEPROM UV Erasable Programmable Read-Only Memory
logo
Texas Instruments
TMS27PC128NL TI-TMS27PC128NL Datasheet
137Kb / 14P
TMS27C128 131 072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128-1JL TI1-TMS27C128-1JL Datasheet
137Kb / 14P
072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
TMS27C128-25JL TI1-TMS27C128-25JL Datasheet
137Kb / 14P
072-BIT UV ERASABLE PROGRAMMABLE READ-ONLY MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com