Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS27C256-30ECAI Datasheet(PDF) 12 Page - Austin Semiconductor

Part # AS27C256-30ECAI
Description  256K UVEPROM UV Erasable Programmable Read-Only Memory
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS27C256-30ECAI Datasheet(HTML) 12 Page - Austin Semiconductor

Back Button AS27C256-30ECAI Datasheet HTML 5Page - Austin Semiconductor AS27C256-30ECAI Datasheet HTML 6Page - Austin Semiconductor AS27C256-30ECAI Datasheet HTML 7Page - Austin Semiconductor AS27C256-30ECAI Datasheet HTML 8Page - Austin Semiconductor AS27C256-30ECAI Datasheet HTML 9Page - Austin Semiconductor AS27C256-30ECAI Datasheet HTML 10Page - Austin Semiconductor AS27C256-30ECAI Datasheet HTML 11Page - Austin Semiconductor AS27C256-30ECAI Datasheet HTML 12Page - Austin Semiconductor AS27C256-30ECAI Datasheet HTML 13Page - Austin Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
UVEPROM
UVEPROM
UVEPROM
UVEPROM
UVEPROM
AS27C256
AS27C256
Rev. 2.0 7/06
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
12
Austin Semiconductor, Inc.
*PROCESS / OPERATING TEMPERATURE
M = Full Military Processing Per
-55oC to +125oC
MIL-PRF-3835, Class Q
I = Industrial Temperature Range
-40°C to +85°C
XT = Military Temperature Range
-55oC to +125oC
EXAMPLE: AS27C256-30JM/MIL
Device Number
Speed
Package Type
Operating Temp.
AS27C256
-55
J
*
AS27C256
-70
J
*
AS27C256
-90
J
*
AS27C256
-12
J
*
AS27C256
-15
J
*
AS27C256
-17
J
*
AS27C256
-20
J
*
AS27C256
-25
J
*
AS27C256
-30
J
*
EXAMPLE: AS27C256-15ECAM
Device Number
Speed
Package Type
Operating Temp.
AS27C256
-55
ECA
*
AS27C256
-70
ECA
*
AS27C256
-90
ECA
*
AS27C256
-12
ECA
*
AS27C256
-15
ECA
*
AS27C256
-17
ECA
*
AS27C256
-20
ECA
*
AS27C256
-25
ECA
*
AS27C256
-30
ECA
*
ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com