| Electronic Components Datasheet Search |
|
AS1419AF-SPACE Datasheet(PDF) 8 Page - Austin Semiconductor |
|
|
|||||||||||||||||||||||||||||
AS1419AF-SPACE Datasheet(HTML) 8 Page - Austin Semiconductor |
|
8 / 20 page ![]() ADC ADC ADC ADC ADC AS1419 AS1419A AS1419 & AS1419A Rev. 1.5 08/09 Austin Semiconductor, Inc. reserves the right to change products or specifications without notice. 8 Austin Semiconductor, Inc. CONVERSION DETAILS The AS1419 uses a successive approximation algorithm and an internal sample-and-hold circuit to convert an analog signal to a 14-bit parallel output. The ADC is complete with a precision reference and an internal clock. The control logic provides easy interface to microprocessors and DSPs (please refer to Digital Interface section for the data format). Conversion start is controlled by the CS\ and CONVST\ inputs. At the start of the conversion, the successive approximation register (SAR) is reset. Once a conversion cycle has begun, it cannot be restarted. During the conversion, the internal differential 14-bit capacitive DAC output is sequenced by the SAR from the most significant bit (MSB) to the least significant bit (LSB). Referring to Figure 1, the +A IN and –A IN inputs are connected to the sample-and-hold capacitors (C SAMPLE ) during the acquire phase and the comparator offset is nulled by the zero- ing switches. In this acquire phase, a minimum delay of 200ns will provide enough time for the sample-and-hold capacitors to acquire the analog signal. During the convert phase, the comparator zeroing switches open, putting the comparator into compare mode. The input switches the C SAMPLE capacitors to ground, transferring the differential analog input charge onto the summing junction. This input charge is successively com- pared with the binary weighted charges supplied by the differ- ential capacitive DAC. Bit decisions are made by the high speed comparator. At the end of a conversion, the differential DAC output balances the +A IN and –A IN input charges. The SAR contents (a 14-bit data word) which represents the difference of +AIN and –AIN are loaded into the 14-bit output latches. FIGURE 1: Simplified Block Diagram DYNAMIC PERFORMANCE The AS1419 has excellent high speed sampling capability. FFT (Fast Fourier Transform) test techniques are used to test the ADC’s frequency response, distortion and noise at the rated throughput. By applying a low distortion sine wave and analyzing the digital output using an FFT algorithm, the ADC’s spectral content can be examined for frequencies outside the fundamental. Figure 2 shows a typical AS1419 FFT plot. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |