Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1419AF-SPACE Datasheet(PDF) 12 Page - Austin Semiconductor

Part # AS1419AF-SPACE
Description  14 Bit, 800ksps Sampling A/D Converter with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUSTIN [Austin Semiconductor]
Direct Link  http://www.austinsemiconductor.com
Logo AUSTIN - Austin Semiconductor

AS1419AF-SPACE Datasheet(HTML) 12 Page - Austin Semiconductor

Back Button AS1419AF-SPACE Datasheet HTML 8Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 9Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 10Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 11Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 12Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 13Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 14Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 15Page - Austin Semiconductor AS1419AF-SPACE Datasheet HTML 16Page - Austin Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADC
ADC
ADC
ADC
ADC
AS1419
AS1419A
AS1419 & AS1419A
Rev. 1.5 08/09
Austin Semiconductor, Inc. reserves the right to change products or specifications without notice.
12
Austin Semiconductor, Inc.
Differential Inputs
The AS1419 has a unique differential sample-and-hold
circuit that allows rail-to-rail inputs. The ADC will always
convert the difference of +A
IN
– (–A
IN
) independent of the
common mode voltage (see Figure 11a). The common mode
rejection holds up to extremely high frequencies, see Figure
10a. The only requirement is that both inputs can not exceed
the AV
DD
or AV
SS
power supply voltages. Integral nonlinearity
errors (INL) and differential nonlinearity errors (DNL) are
independent of the common mode voltage, however, the
bipolar zero error (BZE) will vary. The change in BZE is
typically less than 0.1% of the common mode voltage. Dynamic
performance is also affected by the common mode voltage.
THD will degrade as the inputs approach either power supply
rail, from 86dB with a common mode of 0V to 76dB with a
common mode of 2.5V or – 2.5V. Differential inputs allow greater
flexibility for accepting different input ranges. Figure 10b shows
a circuit that converts a 0V to 5V analog input signal with only
an additional buffer that is not in the signal path.
Full-Scale and Offset Adjustment
Figure 11a shows the ideal input/output characteristics
for the AS1419. The code transitions occur midway between
successive integer LSB values (i.e., –FS + 0.5LSB, – FS + 1.5LSB,
–FS + 2.5LSB,... FS – 1.5LSB, FS – 0.5LSB). The output is two’s
complement binary with 1LSB = FS – (– FS)/16384 = 5V/16384 =
305.2µV. In applications where absolute accuracy is important,
offset and full-scale errors can be adjusted to zero. Offset error
must be adjusted before full-scale error. Figure 11b shows the
extra components required for full-scale error adjustment. Zero
offset is achieved by adjusting the offset applied to the –AIN
input. For zero offset error, apply –152µV (i.e., – 0.5LSB) at +A
IN
and adjust the offset at the –A
IN
input until the output code
flickers between 0000 0000 0000 00 and 1111 1111 1111 11. For
full-scale adjustment, an input voltage of 2.499544V (FS/2 –
1.5LSBs) is applied to + A
IN
and R2 is adjusted until the output
code flickers between 0111 1111 1111 10 and 0111 1111 1111 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com