Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9547 Datasheet(PDF) 71 Page - Analog Devices

Part # AD9547
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547 Datasheet(HTML) 71 Page - Analog Devices

Back Button AD9547 Datasheet HTML 67Page - Analog Devices AD9547 Datasheet HTML 68Page - Analog Devices AD9547 Datasheet HTML 69Page - Analog Devices AD9547 Datasheet HTML 70Page - Analog Devices AD9547 Datasheet HTML 71Page - Analog Devices AD9547 Datasheet HTML 72Page - Analog Devices AD9547 Datasheet HTML 73Page - Analog Devices AD9547 Datasheet HTML 74Page - Analog Devices AD9547 Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 104 page
background image
AD9547
Rev. 0 | Page 71 of 104
Table 54. IRQ Mask for Reference Inputs
Address
Bit
Bit Name
Description
0x020D
7
Ref AA new profile
Enables IRQ for indicating that Ref AA has switched to a new profile.
6
Ref AA validated
Enables IRQ for indicating that Ref AA has been validated.
5
Ref AA fault cleared
Enables IRQ for indicating that Ref AA has been cleared of a previous fault.
4
Ref AA fault
Enables IRQ for indicating that Ref AA has been faulted.
3
Ref A new profile
Enables IRQ for indicating that Ref A has switched to a new profile.
2
Ref A validated
Enables IRQ for indicating that Ref A has been validated.
1
Ref A fault cleared
Enables IRQ for indicating that Ref A has been cleared of a previous fault.
0
Ref A fault
Enables IRQ for indicating that Ref A has been faulted.
0x020E
7
Ref BB new profile
Enables IRQ for indicating that Ref BB has switched to a new profile.
6
Ref BB validated
Enables IRQ for indicating that Ref BB has been validated.
5
Ref BB fault cleared
Enables IRQ for indicating that Ref BB has been cleared of a previous fault.
4
Ref BB fault
Enables IRQ for indicating that Ref BB has been faulted.
3
Ref B new profile
Enables IRQ for indicating that Ref B has switched to a new profile.
2
Ref B validated
Enables IRQ for indicating that Ref B has been validated.
1
Ref B fault cleared
Enables IRQ for indicating that Ref B has been cleared of a previous fault.
0
Ref B fault
Enables IRQ for indicating that Ref B has been faulted.
0x020F
[7:0]
Unused
Unused.
0x0210
[7:0]
Unused
Unused.
Table 55. Watchdog Timer1
Address
Bit
Bit Name
Description
0x0211
[7:0]
Watchdog timer
(expressed in ms)
Watchdog timer, Bits[7:0] (default = 0x00).
0x0212
[7:0]
Watchdog timer, Bits[15:8] (default = 0x00).
1 The watchdog timer is expressed in units of milliseconds
(ms). The default value is 0 (disabled).
Table 56. DAC Current1
Address
Bit
Bit Name
Description
0x0213
[7:0]
DAC full-scale current
Full-scale current, Bits[7:0] (default = 0xFF).
0x0214
7
DAC shutdown
Shut down the DAC current sources.
0 (default) = normal operation.
1 = shut down.
[6:2]
Unused
Unused.
[1:0]
DAC full-scale current
Full-scale current, Bits[9:8] (default = 0b01).
(default current = 0x1FF, or 20.1 mA).
1 The default DAC full-scale current value is 0x01FF = 511, which equates to 20.1375 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com