Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9547 Datasheet(PDF) 72 Page - Analog Devices

Part # AD9547
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547 Datasheet(HTML) 72 Page - Analog Devices

Back Button AD9547 Datasheet HTML 68Page - Analog Devices AD9547 Datasheet HTML 69Page - Analog Devices AD9547 Datasheet HTML 70Page - Analog Devices AD9547 Datasheet HTML 71Page - Analog Devices AD9547 Datasheet HTML 72Page - Analog Devices AD9547 Datasheet HTML 73Page - Analog Devices AD9547 Datasheet HTML 74Page - Analog Devices AD9547 Datasheet HTML 75Page - Analog Devices AD9547 Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 104 page
background image
AD9547
Rev. 0 | Page 72 of 104
DPLL CONFIGURATION (REGISTER 0x0300 TO REGISTER 0x031B)
Table 57. Free-Running Frequency Tuning Word1
Address
Bit
Bit Name
Description
0x0300
[7:0]
Free-running frequency tuning word
(expressed as a 48-bit frequency
tuning word)
Free-running frequency tuning word, Bits[7:0].
0x0301
[7:0]
Free-running frequency tuning word, Bits[15:8].
0x0302
[7:0]
Free-running frequency tuning word, Bits[23:16].
0x0303
[7:0]
Free-running frequency tuning word, Bits[31:24].
0x0304
[7:0]
Free-running frequency tuning word, Bits[39:32].
0x0305
[7:0]
Free-running frequency tuning word, Bits[47:40].
1 The default free-running tuning word is 0x000000 = 0, which equates to 0 Hz.
Table 58. Update TW
Address
Bit
Bit Name
Description
0x0306
[7:1]
Unused
Unused.
0
Update TW
A Logic 1 written to this bit transfers the free-running frequency tuning word
(Register 0x0300 to Register 0x0305) to the register embedded in the tuning
word processing logic. Note that it is not necessary to write the update TW bit
when the device is in free-run mode. This is an autoclearing bit.
Table 59. Pull-in Range Lower and Upper Limit1
Address
Bit
Bit Name
Description
0x0307
[7:0]
Pull-in range lower limit (expressed
as a 24-bit frequency tuning word)
Lower limit pull-in range, Bits[7:0].
0x0308
[7:0]
Lower limit pull-in range, Bits[15:8].
0x0309
[7:0]
Lower limit pull-in range, Bits[23:16].
0x030A
[7:0]
Pull-in range upper limit (expressed
as a 24-bit frequency tuning word)
Upper limit pull-in range, Bits[7:0].
0x030B
[7:0]
Upper limit pull-in range, Bits[15:8].
0x030C
[7:0]
Upper limit pull-in range, Bits[23:16].
1 The default pull-in range lower limit is 0 and the upper range limit is 0xFFFFFF, which effectively spans the full output frequency range of the DDS.
Table 60. Open-Loop Phase Offset1
Address
Bit
Bit Name
Description
0x030D
[7:0]
Open-loop phase offset
(expressed in units of π/215 radians)
DDS phase offset, Bits[7:0].
0x030E
[7:0]
DDS phase offset, Bits[15:8].
1 The default DDS phase offset is 0.
Table 61. Fixed Closed-Loop Phase Lock Offset1
Address
Bit
Bit Name
Description
0x030F
[7:0]
Fixed phase lock offset
(expressed in ps)
Fixed phase lock offset, Bits[7:0].
0x0310
[7:0]
Fixed phase lock offset, Bits[15:8].
0x0311
[7:0]
Fixed phase lock offset, Bits[23:16].
0x0312
[7:0]
Fixed phase lock offset, Bits[31:24].
0x0313
[7:0]
Fixed phase lock offset, Bits[39:32].
1 The default fixed closed loop phase lock offset is 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com