Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9547 Datasheet(PDF) 91 Page - Analog Devices

Part # AD9547
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547 Datasheet(HTML) 91 Page - Analog Devices

Back Button AD9547 Datasheet HTML 87Page - Analog Devices AD9547 Datasheet HTML 88Page - Analog Devices AD9547 Datasheet HTML 89Page - Analog Devices AD9547 Datasheet HTML 90Page - Analog Devices AD9547 Datasheet HTML 91Page - Analog Devices AD9547 Datasheet HTML 92Page - Analog Devices AD9547 Datasheet HTML 93Page - Analog Devices AD9547 Datasheet HTML 94Page - Analog Devices AD9547 Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 104 page
background image
AD9547
Rev. 0 | Page 91 of 104
Table 127. Incremental Phase Offset Control
Address
Bit
Bit Name
Description
0x0A0C
[7:3]
Unused
Unused.
2
Reset phase offset
Resets the incremental phase offset to 0. This is an autoclearing bit.
1
Decrement phase offset
Decrements the incremental phase offset by the amount specified in the incremental
phase lock offset step size register (Register 0x0314 to Register 0x0315).
This is an autoclearing bit.
0
Increment phase offset
Increments the incremental phase offset by the amount specified in the incremental phase
lock offset step size register (Register 0x0314 to Register 0x0315).
This is an autoclearing bit.
Table 128. Reference Profile Selection State Machine Startup1
Address
Bit
Bit Name
Description
0x0A0D
[7:4]
Unused
Unused.
3
Detect BB
Setting this bit starts the profile selection state machine for Input Reference BB.
2
Detect B
Setting this bit starts the profile selection state machine for Input Reference B.
1
Detect AA
Setting this bit starts the profile selection state machine for Input Reference AA.
0
Detect A
Setting this bit starts the profile selection state machine for Input Reference A.
1 All bits in this register are autoclearing.
Register 0x0A0E to Register 0x0A10—Reference Validation Override Controls
Table 129. Force Validation Timeout1
Address
Bit
Bit Name
Description
0x0A0E
[7:4]
Unused
Unused.
3
Force Timeout BB
Setting this bit emulates timeout of the validation timer for Reference BB.
This is an autoclearing bit.
2
Force Timeout B
Setting this bit emulates timeout of the validation timer for Reference B.
This is an autoclearing bit.
1
Force Timeout AA
Setting this bit emulates timeout of the validation timer for Reference AA.
This is an autoclearing bit.
0
Force Timeout A
Setting this bit emulates timeout of the validation timer for Reference A.
This is an autoclearing bit.
1 All bits in this register are autoclearing.
Table 130. Reference Monitor Override1
Address
Bit
Bit Name
Description
0x0A0F
[7:4]
Unused
Unused.
3
Ref Mon Override BB
Overrides the reference monitor REF fault signal for Reference BB (default = 0, not overridden).
2
Ref Mon Override B
Overrides the reference monitor REF fault signal for Reference B (default = 0, not overridden).
1
Ref Mon Override AA
Overrides the reference monitor REF fault signal for Reference AA (default = 0, not overridden).
0
Ref Mon Override A
Overrides the reference monitor REF fault signal for Reference A (default = 0, not overridden).
1 All bits in this register are autoclearing.
Table 131. Reference Monitor Bypass1
Address
Bit
Bit Name
Description
0x0A10
[7:4]
Unused
Unused.
3
Ref Mon Bypass BB
Bypasses the reference monitor for Reference BB (default = 0, not bypassed).
2
Ref Mon Bypass B
Bypasses the reference monitor for Reference B (default = 0, not bypassed).
1
Ref Mon Bypass AA
Bypasses the reference monitor for Reference AA (default = 0, not bypassed).
0
Ref Mon Bypass A
Bypasses the reference monitor for Reference A (default = 0, not bypassed).
1 All bits in this register are autoclearing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com