Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9547 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9547
Description  Dual/Quad Input Network Clock Generator/Synchronizer
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9547 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9547 Datasheet HTML 28Page - Analog Devices AD9547 Datasheet HTML 29Page - Analog Devices AD9547 Datasheet HTML 30Page - Analog Devices AD9547 Datasheet HTML 31Page - Analog Devices AD9547 Datasheet HTML 32Page - Analog Devices AD9547 Datasheet HTML 33Page - Analog Devices AD9547 Datasheet HTML 34Page - Analog Devices AD9547 Datasheet HTML 35Page - Analog Devices AD9547 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 104 page
background image
AD9547
Rev. 0 | Page 32 of 104
DIGITAL PHASE-LOCKED LOOP (DPLL) CORE
DPLL Overview
A diagram of the digital PLL core of the AD9547 appears in
Figure 35. The phase/frequency detector, feedback path, lock
detectors, phase offset, and phase slew rate limiting that make
up this second-generation DPLL are all digital implementations.
R + 1
REF A
TDC
AND
PFD
DIGITAL
LOOP
FILTER
DDS/
DAC
DACOUT
CLOSED-LOOP
PHASE OFFSET
PHASE SLEW
LIMIT
LOCK
DETECT
REF BB
DPPL CORE
2
fREF
fTDC
fDDS
S + 1 + U/V
Figure 35. Digital PLL Core
The start of the DPLL signal chain is the reference signal, fREF,
which is the frequency of the reference input. A reference
prescaler reduces the frequency of this signal by an integer
factor, R + 1, where R is the 30-bit value stored in the profile
register and 0 ≤ R ≤ 1,073,741,823. Therefore, the frequency at
the output of the R divider (or the input to the time-to-digital
converter (TDC)) is
1
+
=
R
f
f
REF
TDC
The TDC samples the output of the R divider. The TDC/PFD
produces a time series of digital words and delivers them to the
digital loop filter. The digital loop filter offers the following
advantages:
•
Determination of the filter response by numeric
coefficients rather than by discrete component values
•
Absence of analog components (R/L/C), which eliminates
tolerance variations due to aging
•
Absence of thermal noise associated with analog
components
•
Absence of control node leakage current associated with
analog components (a source of reference feed-through
spurs in the output spectrum of a traditional analog PLL)
The digital loop filter produces a time series of digital words
at its output and delivers them to the frequency tuning input of
a direct digital synthesizer (DDS), with the DDS replacing the
function of the VCO in an analog PLL. The digital words from
the loop filter tend to steer the DDS frequency toward frequency
and phase lock with the input signal (fTDC). The DDS provides
an analog output signal via an integrated DAC, effectively
mimicking the operation of an analog VCO.
The DPLL includes a feedback divider that causes the DDS to
operate at an integer-plus-fractional multiple (S + 1 + U/V) of
fTDC. S is the 20-bit value stored in the profile register and has a
range of 7 ≤ S ≤ 1,048,576. U and V are the 10-bit numerator
and denominator values of the optional fractional divide
component, also stored in the profile register. Together they
establish the nominal DDS frequency (fDDS), given by
⎟
⎠
⎞
⎜
⎝
⎛
+
+
+
=
V
U
S
R
f
f
REF
DDS
1
1
Normally, fractional-N designs exhibit distinctive phase noise
and spurious artifacts resulting from the modulation of the
integer divider based on the fractional value. This is not the
case for the AD9547 because it uses a purely digital means to
determine phase errors. Because the phase errors incurred by
modulating the feedback divider are deterministic, it is possible
to compensate for them digitally. The result is a fractional-N
PLL with no discernible modulation artifacts.
Time-to-Digital Converter (TDC)/Phase Frequency
Detector (PFD)
The TDC is a highly integrated functional block that incorporates
both analog and digital circuitry. There are two pins associated
with the TDC that the user must connect to external components.
Figure 36 shows the recommended component values and their
connections.
For best performance, place components as close as possible to
the device pins. Components with low effective series resistance
(ESR) and low parasitic inductance yield the best results.
AD9547
10µF
0.1µF
0.1µF
0.1µF
TDC_VRT
TDC_VRB
41
40
Figure 36. TDC Pin Connections
The PFD is an all-digital block. It compares the digital output
from the TDC (which relates to the active reference edge) with
the digital word from the feedback block (which relates to the
rollover edge of the DDS accumulator after division by the feed-
back divider). The PFD uses a digital code pump and digital
integrator (rather than a conventional charge pump and capacitor)
to generate the error signal that steers the DDS frequency toward
phase lock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com