Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9548BCPZ Datasheet(PDF) 33 Page - Analog Devices

Part # AD9548BCPZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548BCPZ Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9548BCPZ Datasheet HTML 29Page - Analog Devices AD9548BCPZ Datasheet HTML 30Page - Analog Devices AD9548BCPZ Datasheet HTML 31Page - Analog Devices AD9548BCPZ Datasheet HTML 32Page - Analog Devices AD9548BCPZ Datasheet HTML 33Page - Analog Devices AD9548BCPZ Datasheet HTML 34Page - Analog Devices AD9548BCPZ Datasheet HTML 35Page - Analog Devices AD9548BCPZ Datasheet HTML 36Page - Analog Devices AD9548BCPZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 112 page
background image
AD9548
Rev. 0 | Page 33 of 112
(Address 030F to Address 0313). The 40-bit word is a signed
(twos complement) number that represents units of picoseconds.
In addition, the user can adjust the closed-loop phase offset
(positive or negative) in incremental fashion. To do so, program
the desired step size in the 16-bit incremental phase lock offset
step size register (Address 0314 to Address 0315). This is an
unsigned number that represents units of picoseconds. The
programmed step size is added to the current closed-loop phase
offset each time the user writes a Logic 1 to the increment phase
offset bit (Register 0A0C, Bit 0). Conversely, the programmed
step size is subtracted from the current closed-loop phase offset
each time the user writes a Logic 1 to the decrement phase offset
bit (Register 0A0C, Bit 1). The serial I/O port control logic clears
both of these bits automatically. The user can remove the incre-
mentally accumulated phase by writing a Logic 1 to the reset
incremental phase offset bit (Register 0A0C, Bit 2), which is
also cleared automatically. Alternatively, rather than using the
serial I/O port, the multifunction pins can be set up to perform
the increment, decrement, and clear functions.
Note that the incremental phase offset is completely indepen-
dent of the offset programmed into the fixed phase lock offset
register. However, if the phase slew limiter is active (see the
Hitless Reference Switching (Phase Slew Control) section), then
any instantaneous change in closed-loop phase offset (fixed or
incremental) will be subject to possible slew limitation by the
action of the phase slew limiter.
Programmable Digital Loop Filter
The AD9548 loop filter is a third order digital IIR filter that is
analogous to the third order analog loop shown in Figure 39.
C3
C2
C1
R2
R3
Figure 39. Third Order Analog Loop Filter
The filter requires four coefficients as shown in Figure 40. The
AD9548 evaluation board software automatically generates the
required loop filter coefficient values based on the user’s design
criteria. The Calculating Digital Filter Coefficients section
contains the design equations for calculating the loop filter
coefficients manually.
LOOP FILTER
(THIRD ORDER IIR)
IN
OUT
FRACTIONAL
(16-BIT)
1/2x
(6-BIT)
2x
(3-BIT)
2x
(4-BIT)
FRACTIONAL
(17-BIT)
1/2x
(6-BIT)
FRACTIONAL
(17-BIT)
1/2x
(6-BIT)
FRACTIONAL
(15-BIT)
1/2x
(5-BIT)
48
51
Figure 40. Third Order Digital IIR Loop Filter
Each coefficient has a fractional component representing a
value from 0 up to, but not including, unity. Each coefficient
also has an exponential component representing a power of 2
with a negative exponent. That is, the user enters a positive
number (x) that the hardware interprets as a negative exponent
of two (2−x). Thus, the β, γ, and δ coefficients always represent
values less than unity. The α coefficient, however, has two
additional exponential components, but the hardware interprets
these as a positive exponent of 2 (that is, 2x). This allows the α
coefficient to be a value greater than unity. The positive
exponent appears as two separate terms in order to provide
sufficient dynamic range.
DPLL Phase Lock Detector
The DPLL contains an all-digital phase lock detector. The user
controls the threshold sensitivity and hysteresis of the phase
detector via the profile registers.
The phase lock detector behaves in a manner analogous to
water in a tub (see Figure 41). The total capacity of the tub is
4096 units with −2048 denoting empty, 0 denoting the 50%
point, and +2048 denoting full. The tub also has a safeguard to
prevent overflow. Furthermore, the tub has a low water mark at
−1024 and a high water mark at +1024. To change the water
level, the user adds water with a fill bucket or removes water
with a drain bucket. The user specifies the size of the fill and
drain buckets via the 8-bit fill rate and drain rate values in the
profile registers.
The water level in the tub is what the lock detector uses to
determine the lock and unlock conditions. Whenever the water
level is below the low water mark (−1024), the detector
indicates an unlock condition. Conversely, whenever the water
level is above the high water mark (+1024), the detector indicates
a lock condition. While the water level is between the marks,
the detector simply holds its last condition. This concept appears
graphically in Figure 41, with an overlay of an example of the
instantaneous water level (vertical) vs. time (horizontal) and the
resulting lock/unlock states.
During any given PFD phase error sample, the detector either
adds water with the fill bucket or removes water with the drain
bucket (one or the other but not both). The decision of whether
to add or remove water depends on the threshold level specified
by the user. The phase lock threshold value is a 16-bit number
stored in the profile registers and is expressed in picoseconds.
Thus, the phase lock threshold extends from 0 ns to ±65.535 ns
and represents the magnitude of the phase error at the output of
the PFD.
The phase lock detector compares each phase error sample at
the output of the PFD to the programmed phase threshold
value. If the absolute value of the phase error sample is less than
or equal to the programmed phase threshold value, then the
detector control logic dumps one fill bucket into the tub.
Otherwise, it removes one drain bucket from the tub. Notice
that it is not the polarity of the phase error sample, but its
magnitude relative to the phase threshold value, that determines
whether to fill or drain. If more filling is taking place than



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com