Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9548BCPZ Datasheet(PDF) 71 Page - Analog Devices

Part # AD9548BCPZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548BCPZ Datasheet(HTML) 71 Page - Analog Devices

Back Button AD9548BCPZ Datasheet HTML 67Page - Analog Devices AD9548BCPZ Datasheet HTML 68Page - Analog Devices AD9548BCPZ Datasheet HTML 69Page - Analog Devices AD9548BCPZ Datasheet HTML 70Page - Analog Devices AD9548BCPZ Datasheet HTML 71Page - Analog Devices AD9548BCPZ Datasheet HTML 72Page - Analog Devices AD9548BCPZ Datasheet HTML 73Page - Analog Devices AD9548BCPZ Datasheet HTML 74Page - Analog Devices AD9548BCPZ Datasheet HTML 75Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 112 page
background image
AD9548
Rev. 0 | Page 71 of 112
SYSTEM CLOCK (REGISTER 0100 TO REGISTER 0108)
Table 42. Charge Pump and Lock Detect Control
Address
Bits
Bit Name
Description
0100
[7]
External loop filter
enable
Enables use of an external SYSCLK PLL loop filter
0 (default) = internal loop filter
1 = external loop filter
[6]
Charge pump mode
Charge pump current control
0 (default) = automatic
1 = manual
[5:3]
Charge pump current
Selects charge pump current when Bit 6 = 1
000 = 125 μA
001 = 250 μA
010 = 375 μA
011 (default) = 500 μA
100 = 625 μA
101 = 750 μA
110 = 875 μA
111 = 1000 μA
[2]
Lock detect timer
disable
Enable the SYSCLK PLL lock detect timer
0 (default) = enable
1 = disable
[1:0]
Lock detect timer
Select lock detect timer depth
00 (default) = 128
01 = 256
10 = 512
11 = 1024
Table 43. N Divider
Address
Bits
Bit Name
Description
0101
[7:0]
N-divider
System clock PLL feedback divider value: 6 ≤ N ≤ 255 (default = 0x28 = 40)
Table 44. SYSCLK Input Options
Address
Bits
Bit Name
Description
0102
[7]
Unused
[6]
M-divider reset
Reset the M-divider
0 = normal operation
1 (default) = reset
When not using the M-divider, program this bit to Logic 1.
[5:4]
M-divider
System clock input divider
00 (default) = 1
01 = 2
10 = 4
11 = 8
[3]
2× frequency
multiplier enable
Enable the 2× frequency multiplier
0 (default) = disable
1 = enable
[2]
PLL enable
Enable the SYSCLK PLL
0 = disable
1 (default) = enable
[1:0]
System clock source
Input mode select for SYSCLKx pins
00 = crystal resonator
01 (default) = low frequency clock source
10 = high frequency (direct) clock source
11 = input receiver power-down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com