Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9548BCPZ Datasheet(PDF) 83 Page - Analog Devices

Part # AD9548BCPZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548BCPZ Datasheet(HTML) 83 Page - Analog Devices

Back Button AD9548BCPZ Datasheet HTML 79Page - Analog Devices AD9548BCPZ Datasheet HTML 80Page - Analog Devices AD9548BCPZ Datasheet HTML 81Page - Analog Devices AD9548BCPZ Datasheet HTML 82Page - Analog Devices AD9548BCPZ Datasheet HTML 83Page - Analog Devices AD9548BCPZ Datasheet HTML 84Page - Analog Devices AD9548BCPZ Datasheet HTML 85Page - Analog Devices AD9548BCPZ Datasheet HTML 86Page - Analog Devices AD9548BCPZ Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 112 page
background image
AD9548
Rev. 0 | Page 83 of 112
Table 77. Phase Build-Out Switching
Address
Bits
Bit Name
Description
0507
[7:3]
Unused
[2:0]
Phase master
threshold priority
Threshold priority level (a value of 0 to 7, with 0 (default) being the highest priority
level). References with a selection priority value lower than this value are treated as
phase masters (see the Profile Registers (Register 0600 to Register 07FF) section for
the selection priority value).
PROFILE REGISTERS (REGISTER 0600 TO REGISTER 07FF)
Note that the default value of every bit is 0 for Profile 0 to Profile 7.
Register 0600 to Register 0631—Profile 0
Table 78. Priorities—Profile 0
Address
Bits
Bit Name
Description
0600
[7:6]
Unused
[5:3]
Promoted priority
User-assigned priority level (0 to 7) of the reference associated with Profile 0 while
that reference is the active reference. The numeric value of the promoted priority
must be less than or equal to the numeric value of the selection priority.
[2:0]
Selection priority
User-assigned priority level (0 to 7) of the reference associated with Profile 0, which
ranks that reference relative to the others.
Table 79. Reference Period—Profile 0
Address
Bits
Bit Name
Description
0601
[7:0]
Reference period (in
femtoseconds)
Nominal reference period, Bits[7:0]
0602
[7:0]
Nominal reference period, Bits[15:8]
0603
[7:0]
Nominal reference period, Bits[23:16]
0604
[7:0]
Nominal reference period, Bits[31:24]
0605
[7:0]
Nominal reference period, Bits[39:32]
0606
[7:0]
Nominal reference period, Bits[47:40]
0607
[7:2]
Unused
[1:0]
Reference period
Nominal reference period, Bits[49:48]
Table 80. Tolerance—Profile 0
Address
Bits
Bit Name
Description
0608
[7:0]
Inner tolerance
Inner tolerance, Bits[7:0]
0609
[7:0]
Inner tolerance, Bits[15:8]
060A
[7:4]
Unused
[3:0]
Inner tolerance
Inner tolerance, Bits[19:16]
060B
[7:0]
Outer tolerance
Outer tolerance, Bits[7:0]
060C
[7:0]
Outer tolerance, Bits[5:8]
060D
[7:4]
Unused
[3:0]
Outer tolerance
Outer tolerance, Bits[19:16]
Table 81. Validation Timer—Profile 0
Address
Bits
Bit Name
Description
060E
[7:0]
Validation timer
(in milliseconds)
Validation timer, Bits[7:0]
060F
[7:0]
Validation timer, Bits[15:8]
Table 82. Redetect Timer—Profile 0
Address
Bits
Bit Name
Description
0610
[7:0]
Redetect timer
(in milliseconds)
Redetect timer, Bits[7:0]
0611
[7:0]
Redetect timer, Bits[15:8]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com