Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9548BCPZ Datasheet(PDF) 63 Page - Analog Devices

Part # AD9548BCPZ
Description  Quad/Octal Input Network Clock Generator/Synchronizer
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9548BCPZ Datasheet(HTML) 63 Page - Analog Devices

Back Button AD9548BCPZ Datasheet HTML 59Page - Analog Devices AD9548BCPZ Datasheet HTML 60Page - Analog Devices AD9548BCPZ Datasheet HTML 61Page - Analog Devices AD9548BCPZ Datasheet HTML 62Page - Analog Devices AD9548BCPZ Datasheet HTML 63Page - Analog Devices AD9548BCPZ Datasheet HTML 64Page - Analog Devices AD9548BCPZ Datasheet HTML 65Page - Analog Devices AD9548BCPZ Datasheet HTML 66Page - Analog Devices AD9548BCPZ Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 112 page
background image
AD9548
Rev. 0 | Page 63 of 112
Addr
Opt
Name
D7
D6
D5
D4
D3
D2
D1
D0
Def
060F
00
0610
Redetect
timeout
Redetect timer (milliseconds) [15:0] [up to 65.5 seconds]
00
0611
00
0612
Digital loop
filter
coefficients
Alpha-0 linear [15:0]
00
0613
00
0614
Alpha-2 exponent [1:0]
Alpha-1 exponent [5:0]
00
0615
Beta-0 linear [6:0]
Alpha-2
exponent
[2]
00
0616
Beta-0 linear [14:7]
00
0617
Unused
Beta-1 exponent [4:0]
Beta-0 linear [16:15]
00
0618
Gamma-0 linear [15:0]
00
0619
00
061A
Unused
Gamma-1 exponent [4:0]
Gamma-0
linear [16]
00
061B
Delta-0 linear [7:0]
00
061C
Delta-1
exponent
[0]
Delta-0 linear [14:8]
00
061D
Alpha-3 exponent [3:0]
Delta-1 exponent [4:1]
00
061E
Frequency
multiplica-
tion
R [23:0]
00
061F
00
0620
00
0621
Unused
R [29:24]
00
0622
S [23:0]
00
0623
00
0624
00
0625
Unused
S [29:24]
00
0626
V [7:0]
00
0627
U [3:0]
Unused
V [9:8]
00
0628
Unused
U [9:4]
00
0629
Lock
detectors
Phase lock threshold (picoseconds) [15:0]
00
062A
00
062B
Phase lock fill rate [7:0]
00
062C
Phase lock drain rate [7:0]
00
062D
Frequency lock threshold (picoseconds) [23:0]
00
062E
00
062F
00
0630
Frequency lock fill rate [7:0]
00
0631
Frequency lock drain rate [7:0]
00
Profile 1
0632
Priorities
Unused
Promoted priority [2:0]
Selection priority [2:0]
00
0633
Reference
period
Nominal period (femtoseconds) [47:0] (up to 1.125 sec)
00
0634
00
0635
00
0636
00
0637
00
0638
00
0639
Unused
Nominal period [49:48]
00
063A
Tolerance
Inner tolerance (1/tolerance) [15:0] (removes fault status; 10% down to 1 ppm)
00
063B
00
063C
Unused
Inner tolerance [19:16]
00
06CD
Outer tolerance (1/tolerance) [15:0] (indicates fault status; 10% down to 1 ppm)
00
063E
00
063F
Unused
Outer tolerance [19:16]
00
0640
Validation
Validation timer (milliseconds) [15:0] (up to 65.5 sec)
00
0641
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com