Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA2111CS Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SA2111CS
Description  3V AM/FM MPX TUNER IC(FOR MECHANICAL TUNING)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA2111CS Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SA2111CS Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA2111CS Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA2111CS Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA2111CS Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA2111CS Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA2111CS Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA2111CS Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA2111CS Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA2111CS Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SA2111C
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev: 1.1
2005.10.26
Http: www.silan.com.cn
Page 1 of 10
BLOCK DIAGRAM
3V AM/FM +MPX TUNER IC(FOR MECHANICAL TUNING)
SDIP-24-300-1.778
SSOP-24-300-0.65
SSOP-24-300-1.0
SOP-24-375-1.27
DESCRIPTION
The SA2111C is AM/FM single-chip tuner IC, which is designed for
portable radios and 3V head phone radios. It is suitable for digit tuning
system, and FM local oscillation voltage is set up low relativity, for NEW
FCC.
FEATURES
* Operating supply voltage range: VCC=1.8~7V (Tamb=25
°C)
* AM detector coil, FM IFT, IF coupling condenser are not needed.
* For adopting ceramic discriminator, it is not necessary to adjust the
FM quad detector circuit.
* Built-in FM MPX VCO circuit
* Built-in varactor diode for AFC
* Built-in AM low cut circuit
* Low supply current. (VCC=3V, Tamb=25
°C)
ICCq(FM)=9.0mA (Typ.)
ICCq(AM)=5.0mA (Typ.)
Note: Handle with care to prevent devices from deteriorations by
ESD.
ORDERING INFORMATION
Device
Package
SA2111C
SDIP-24-300-1.778
SA2111CS
SSOP-24-300-0.65
SA2111CA
SOP-24-375-1.27
SA2111CB
SSOP-24-300-1.0


Similar Part No. - SA2111CS

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SA210 WTE-SA210 Datasheet
72Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SA210 PANJIT-SA210 Datasheet
110Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Bedford Opto Technology...
SA210 BOT-SA210 Datasheet
42Kb / 2P
5mm LED Assembly Single Way to 4 Way
logo
Pan Jit International I...
SA210 PANJIT-SA210 Datasheet
103Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
SA210 PANJIT-SA210 Datasheet
131Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER 500 Watts
More results

Similar Description - SA2111CS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8132AN TOSHIBA-TA8132AN Datasheet
692Kb / 20P
3V AM/FM IFMPX (FOR DIGITAL TUNING SYSTEM)
30-Oct-2002
logo
Samsung semiconductor
KA22900-D SAMSUNG-KA22900-D Datasheet
242Kb / 10P
AM/FM TUNER MPX
KA2295-Q SAMSUNG-KA2295-Q Datasheet
247Kb / 8P
AM/FM TUNER MPX
KB22902 SAMSUNG-KB22902 Datasheet
122Kb / 6P
AM/FM TUNER MPX
S1A0900X01 SAMSUNG-S1A0900X01 Datasheet
197Kb / 10P
AM/FM TUNER MPX
S1A0902X01 SAMSUNG-S1A0902X01 Datasheet
263Kb / 20P
AM/FM TUNER MPX
logo
Toshiba Semiconductor
TA8132AN TOSHIBA-TA8132AN Datasheet
1Mb / 21P
3V AM / FM IF MPX (For Digital Tuning System)
30-Oct-2002
logo
Samsung semiconductor
S1A0901A01 SAMSUNG-S1A0901A01 Datasheet
154Kb / 10P
AM/FM TUNER MPX
KA22901 SAMSUNG-KA22901 Datasheet
212Kb / 10P
AM/FM TUNER MPX
logo
Silan Microelectronics ...
SA2104 SILAN-SA2104 Datasheet
422Kb / 12P
3V AM/FMMPX TUNER IC(FOR DIGITAL TUNING SYSTEM)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com