Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA2111CS Datasheet(PDF) 4 Page - Silan Microelectronics Joint-stock

Part # SA2111CS
Description  3V AM/FM MPX TUNER IC(FOR MECHANICAL TUNING)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA2111CS Datasheet(HTML) 4 Page - Silan Microelectronics Joint-stock

  SA2111CS Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA2111CS Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA2111CS Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA2111CS Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA2111CS Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA2111CS Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA2111CS Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA2111CS Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA2111CS Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SA2111C
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev: 1.1
2005.10.26
Http: www.silan.com.cn
Page 4 of 10
(Continued)
Pin No.
Symbol
Description
8
FM IF IN
FM IF INPUT
9
GND
GND for AM, FM IF, FM MPX stage
10
TUN LED
tuning LED
11
ST LED
Stereo LED
12
QUAD
FM QUAD. Detector
13
14
R-OUT
L-OUT
R-channel Output
L-channel Output
15
LPF1
• LPF terminal for synchronous detector
• VCO stop terminal V15=VCC→VCO STOP
16
LPF2
• LPF terminal for phase detector
• Bias terminal for AM/FM SW circuit
V16=VCC
→AM
V16=OPEN
→FM
17
MPX IN
MPX INPUT
18
DET OUT
FM & AM DETECT OUTPUT
19
AFC
AUTO FREQUENCY CONTROL
20
AM OSC
AM OSC
21
FM OSC
FM OSC
22
RF VCC
VCC for FM OSC stage
23
FM RF OUT
FM RF OUTPUT
24
AM RF IN
AM RF INPUT
FUNCTION DESCRIPTION
Application note:
1. AM low-cut circuit
When pin3 is open, no AF signal can pass through the AMP stage because of the common mode.
When the value of C3 that connected to pin3 is over 1uF, all AF signal can pass through the AMP stage.
The cut-off frequency fL is determined by the internal resistance 22k
Ω (Typ.) and the external capacitor C3 as
below:
C3
x
3
10
x
22
x
x
2
1
fL
=
(Hz)
It is possible to reduce the recovered output level at AM mode, by additional resistance between the pin (3)
and GND line.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com