Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA2111CS Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SA2111CS
Description  3V AM/FM MPX TUNER IC(FOR MECHANICAL TUNING)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA2111CS Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

  SA2111CS Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA2111CS Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA2111CS Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA2111CS Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA2111CS Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA2111CS Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA2111CS Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA2111CS Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA2111CS Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SA2111C
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev: 1.1
2005.10.26
Http: www.silan.com.cn
Page 6 of 10
TEST CIRCUIT (2)
COIL DATA
Turns
Coil No.
Test
Freq.
L
(
µH)
Co
(Pf)
Qo
1-2
2-3
1-3
1-4
4-6
Wire
(mm
∅)
Reference
L1 FM RF
100MHz
--
--
79
--
--
--
2
2
1
--
0.16UEW
Toko Co., Ltd.
666SNF-305NK
L2 FM OSC
100MHz
--
--
76
--
--
--
2
--
0.16UEW
Toko Co., Ltd.
666SNF-306NK
T1 AM OSC
796kHz
268
--
65
19
95
--
--
--
0.05UEW
Toko Co., Ltd.
5PNR-5146Y
T2 AM IFT
455kHz
--
470
60
--
--
109
--
7
0.05UEW
Toko Co., Ltd.
5PNR-5147Y



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com