Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA2111CS Datasheet(PDF) 3 Page - Silan Microelectronics Joint-stock

Part # SA2111CS
Description  3V AM/FM MPX TUNER IC(FOR MECHANICAL TUNING)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA2111CS Datasheet(HTML) 3 Page - Silan Microelectronics Joint-stock

  SA2111CS Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA2111CS Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA2111CS Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA2111CS Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA2111CS Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA2111CS Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA2111CS Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA2111CS Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA2111CS Datasheet HTML 9Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SA2111C
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
Rev: 1.1
2005.10.26
Http: www.silan.com.cn
Page 3 of 10
(Continued)
PIN CONFIGURATION
PIN DESCRIPTION
Pin No.
Symbol
Description
1
FM-RF IN
FM-RF INPUT
2
RF GND
GND for FM RF, FM OSC stage
3
AM LOW CUT
AM LOW FREQUENCY CUT DOWN
4
MIX OUT
FM & AM MIX OUTPUT
5
AGC
AUTOMATIC GAIN CONTROL
6
VCC
VCC for AM, FM IF, FM MPX stage
7
AM IF IN
AM IF INPUT
(To be continued)
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
fm=100Hz
--
45
--
fm=1kHz
35
45
--
Separation
Sep
L+R=180mVrms,
P=20mVrms
fm=10kHz
--
45
--
dB
Monaural
THD
(MONAURAL)
Vin=200mVrms
--
0.3
--
MPX
Total
Harmonic
Distortion Stereo
THD
(STEREO)
L+R=180mVrms, P=20mVrms
--
0.3
--
%
Voltage Gain
GV
Vin=200mVrms
-2.5
-1
0.5
dB
Channel Balance
C.B.
Vin=200mVrms
-1.5
0
1.5
dB
ON
VL(ON)
--
8
12
Stereo
LED
Sensitivity
OFF
VL(OFF)
Pilot input
3
6
--
mVrms
Stereo LED Hysteresis
VH
To LED turn off from LED turn
on
--
2
--
mVrms
Capture Range
C.R.
P=20mVrms
--
±8
--
%
MPX
Signal To Noise Ratio
S/N
--
--
80
--
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com