Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC4516 Datasheet(PDF) 2 Page - SYNC POWER Crop.

Part # SPC4516
Description  N & P Pair Enhancement Mode MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPC4516 Datasheet(HTML) 2 Page - SYNC POWER Crop.

  SPC4516 Datasheet HTML 1Page - SYNC POWER Crop. SPC4516 Datasheet HTML 2Page - SYNC POWER Crop. SPC4516 Datasheet HTML 3Page - SYNC POWER Crop. SPC4516 Datasheet HTML 4Page - SYNC POWER Crop. SPC4516 Datasheet HTML 5Page - SYNC POWER Crop. SPC4516 Datasheet HTML 6Page - SYNC POWER Crop. SPC4516 Datasheet HTML 7Page - SYNC POWER Crop. SPC4516 Datasheet HTML 8Page - SYNC POWER Crop. SPC4516 Datasheet HTML 9Page - SYNC POWER Crop. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2008/03/05
Ver.1
Page 2
SPC4516
N & P Pair Enhancement Mode MOSFET
PIN DESCRIPTION
Pin
Symbol
Description
1
S1
Source 1
2
G1
Gate 1
3
S2
Source 2
4
G2
Gate 2
5
D2
Drain 2
6
D2
Drain 2
7
D1
Drain 1
8
D1
Drain 1
ORDERING INFORMATION
Part Number
Package
Part
Marking
SPC4516S8RG
SOP- 8P
SPC4516
SPC4516S8TG
SOP- 8P
SPC4516
※
SPC4516S8RG : 13” Tape Reel ; Pb – Free
※
SPC4516S8TG : Tube ; Pb – Free
ABSOULTE MAXIMUM RATINGS
(TA=25
Unless otherwise noted)
℃
Typical
Parameter
Symbol
N-Channel
P-Channel
Unit
Drain-Source Voltage
VDSS
30
-30
V
Gate –Source Voltage
VGSS
±20
±20
V
TA=25℃
8.5
-7.2
Continuous Drain Current(TJ=150℃)
TA=70℃
ID
7.5
-5.6
A
Pulsed Drain Current
IDM
20
-20
A
Continuous Source Current(Diode Conduction)
IS
2.3
-2.3
A
TA=25℃
2.5
2.8
Power Dissipation
TA=70℃
PD
1.6
1.8
W
Operating Junction Temperature
TJ
-55/150
℃
Storage Temperature Range
TSTG
-55/150
℃
T ≤ 10sec
50
52
Thermal Resistance-Junction to Ambient
Steady State
RθJA
80
80
℃
/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com