Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC4516 Datasheet(PDF) 3 Page - SYNC POWER Crop.

Part # SPC4516
Description  N & P Pair Enhancement Mode MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPC4516 Datasheet(HTML) 3 Page - SYNC POWER Crop.

  SPC4516 Datasheet HTML 1Page - SYNC POWER Crop. SPC4516 Datasheet HTML 2Page - SYNC POWER Crop. SPC4516 Datasheet HTML 3Page - SYNC POWER Crop. SPC4516 Datasheet HTML 4Page - SYNC POWER Crop. SPC4516 Datasheet HTML 5Page - SYNC POWER Crop. SPC4516 Datasheet HTML 6Page - SYNC POWER Crop. SPC4516 Datasheet HTML 7Page - SYNC POWER Crop. SPC4516 Datasheet HTML 8Page - SYNC POWER Crop. SPC4516 Datasheet HTML 9Page - SYNC POWER Crop. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2008/03/05
Ver.1
Page 3
SPC4516
N & P Pair Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS ( NMOS )
(TA=25
Unless otherwise noted)
℃
Parameter
Symbol
Conditions
Min.
Typ
Max.
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS VGS=0V,ID=250uA
30
Gate Threshold Voltage
VGS(th) VDS=VGS,ID=250uA
1.0
3.0
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
±100
nA
VDS=24V,VGS=0V
1
Zero Gate Voltage Drain Current
IDSS
VDS=24V,VGS=0V
TJ=85℃
5
uA
On-State Drain Current
ID(on)
VDS≥5V,VGS =10V
25
A
VGS= 10V,ID=8.5A
0.010
0.013
Drain-Source On-Resistance
RDS(on)
VGS=4.5V,ID=7.8A
0.013
0.018
Ω
Forward Transconductance
gfs
VDS=15V,ID=6.2A
13
S
Diode Forward Voltage
VSD
IS=2.3A,VGS =0V
0.8
1.2
V
Dynamic
Total Gate Charge
Qg
16
24
Gate-Source Charge
Qgs
4.2
Gate-Drain Charge
Qgd
VDS=15V,VGS=10V
ID= 2A
2.5
nC
Input Capacitance
Ciss
1350
Output Capacitance
Coss
258
Reverse Transfer Capacitance
Crss
VDS=15VGS=0V
f=1MHz
150
pF
td(on)
15
20
Turn-On Time
tr
6
16
td(off)
20
40
Turn-Off Time
tf
VDD=15V,RL=15Ω
ID≡5.0A,VGEN=10V
RG=1Ω
12
20
nS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com