Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC4516 Datasheet(PDF) 1 Page - SYNC POWER Crop.

Part # SPC4516
Description  N & P Pair Enhancement Mode MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPC4516 Datasheet(HTML) 1 Page - SYNC POWER Crop.

  SPC4516 Datasheet HTML 1Page - SYNC POWER Crop. SPC4516 Datasheet HTML 2Page - SYNC POWER Crop. SPC4516 Datasheet HTML 3Page - SYNC POWER Crop. SPC4516 Datasheet HTML 4Page - SYNC POWER Crop. SPC4516 Datasheet HTML 5Page - SYNC POWER Crop. SPC4516 Datasheet HTML 6Page - SYNC POWER Crop. SPC4516 Datasheet HTML 7Page - SYNC POWER Crop. SPC4516 Datasheet HTML 8Page - SYNC POWER Crop. SPC4516 Datasheet HTML 9Page - SYNC POWER Crop. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2008/03/05
Ver.1
Page 1
SPC4516
N & P Pair Enhancement Mode MOSFET
DESCRIPTION
APPLICATIONS
The SPC4516 is the N- and P-Channel enhancement
mode power field effect transistors are produced using
high cell density , DMOS trench technology. This high
density process is especially tailored to minimize on-state
resistance and provide superior switching performance.
These devices are particularly suited for low voltage
applications
such
as
notebook
computer
power
management and other battery powered circuits where
high-side switching , low in-line power loss, and
resistance to transients are needed.
Power Management in Note book
Portable Equipment
Battery Powered System
DC/DC Converter
Load Switch
DSC
LCD Display inverter
FEATURES
PIN CONFIGURATION(SOP – 8P)
PART MARKING
N-Channel
30V/8.5A,RDS(ON)= 14mΩ@VGS= 10V
30V/7.8A,RDS(ON)= 20mΩ@VGS= 4.5V
P-Channel
-30V/-7.2A,RDS(ON)= 25mΩ@VGS=- 10V
-30V/-5.6A,RDS(ON)= 40mΩ@VGS=-4.5V
Super high density cell design for extremely low
RDS (ON)
Exceptional on-resistance and maximum DC
current capability
SOP – 8P package design


Similar Part No. - SPC4516

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
SPC4516 MULTICOMP-SPC4516 Datasheet
164Kb / 2P
Insulated Wire Ferrules
17/07/20 V1.0
logo
SYNC POWER Crop.
SPC4516 SYNC-POWER-SPC4516 Datasheet
654Kb / 11P
N & P Pair Enhancement Mode MOSFET
2020/03/19 Ver.2
SPC4516B SYNC-POWER-SPC4516B Datasheet
290Kb / 12P
N & P Pair Enhancement Mode MOSFET
SPC4516BS8RGB SYNC-POWER-SPC4516BS8RGB Datasheet
290Kb / 12P
N & P Pair Enhancement Mode MOSFET
SPC4516S8RGB SYNC-POWER-SPC4516S8RGB Datasheet
654Kb / 11P
N & P Pair Enhancement Mode MOSFET
2020/03/19 Ver.2
More results

Similar Description - SPC4516

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPC4539 SYNC-POWER-SPC4539 Datasheet
272Kb / 11P
N & P Pair Enhancement Mode MOSFET
SPC6332 SYNC-POWER-SPC6332 Datasheet
264Kb / 11P
N & P Pair Enhancement Mode MOSFET
SPC6601 SYNC-POWER-SPC6601 Datasheet
264Kb / 11P
N & P Pair Enhancement Mode MOSFET
SPC4539A SYNC-POWER-SPC4539A Datasheet
308Kb / 11P
N & P Pair Enhancement Mode MOSFET
SPC6604 SYNC-POWER-SPC6604_14 Datasheet
287Kb / 12P
N & P Pair Enhancement Mode MOSFET
SPC6605 SYNC-POWER-SPC6605 Datasheet
299Kb / 10P
N & P Pair Enhancement Mode MOSFET
SPC1810 SYNC-POWER-SPC1810 Datasheet
298Kb / 12P
N & P Pair Enhancement Mode MOSFET
SPC4533 SYNC-POWER-SPC4533 Datasheet
253Kb / 10P
N & P Pair Enhancement Mode MOSFET
SPC4533W SYNC-POWER-SPC4533W Datasheet
370Kb / 10P
N & P Pair Enhancement Mode MOSFET
logo
Stanson Technology
STC4606 STANSON-STC4606 Datasheet
1Mb / 8P
N&P Pair Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com