Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC82x52AS Datasheet(PDF) 39 Page - Megawin Technology Co., Ltd

Part # MPC82x52AS
Description  8-bit micro-controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC82x52AS Datasheet(HTML) 39 Page - Megawin Technology Co., Ltd

Back Button MPC82x52AS Datasheet HTML 35Page - Megawin Technology Co., Ltd MPC82x52AS Datasheet HTML 36Page - Megawin Technology Co., Ltd MPC82x52AS Datasheet HTML 37Page - Megawin Technology Co., Ltd MPC82x52AS Datasheet HTML 38Page - Megawin Technology Co., Ltd MPC82x52AS Datasheet HTML 39Page - Megawin Technology Co., Ltd MPC82x52AS Datasheet HTML 40Page - Megawin Technology Co., Ltd MPC82x52AS Datasheet HTML 41Page - Megawin Technology Co., Ltd MPC82x52AS Datasheet HTML 42Page - Megawin Technology Co., Ltd MPC82x52AS Datasheet HTML 43Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
MEGAWIN
MPC82x52A Data Sheet
39
named CCF0 and CCF1 in SFR CCON. The CCF0 and CCF1 serve as flags for module-0 and
module-1 respectively. They are set by hardware when either a match or a capture occurs.
These flags also can only be cleared by software.
CH
CL
Fosc/12
Fosc/2
Timer0 overflow
External input
ECI (P3.4)
CPS1 CPS0
ECF
--
--
CIDL
CMOD
-
CCF1 CCF0
CR
-
--
CF
CCON
IDLE
PCA
interrupt
To PCA module
16-bit counter
PCA Timer/Counter
SFR: CMOD (PCA Mode Control Register)
Bit-7
Bit-6
Bit-5
Bit-4
Bit-3
Bit-2
Bit-1
Bit-0
CIDL
-
-
-
-
CPS1
CPS0
ECF
CIDL:=Behavior control of the PCA.
0:= (default)
Disable counting of the PCA counter while the MCU is put under idle state.
1:=
Enable counting of the PCA counter while the MCU is put under idle state.
{ CPS1, CPS0 } := Used to select the clocking source for PCA counter
{ 0, 0 } := set the frequency of the PCA counter clock source as oscillator’s frequency over
12
{ 0, 1 } := set the frequency of the PCA counter clock source as oscillator’s frequency over 2
{ 1, 0 } := set the PCA counter clock source as Timer-0 overflow
{ 1, 1 } := set the PCA counter clock source as pin ECI(pin P3.4)
ECF:=Control bit of deciding if to pass interrupt from PCA timer overflow to the MCU
0:= (default)
Inhibit the interrupt from PCA timer to the MCU
1:=
Permit the interrupt from PCA timer to the MCU
SFR: CCON (PCA Counter Control Rregister)
Bit-7
Bit-6
Bit-5
Bit-4
Bit-3
Bit-2
Bit-1
Bit-0
CF
CR
-
-
-
-
CCF1
CCF0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com