Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC82x52AS Datasheet(PDF) 3 Page - Megawin Technology Co., Ltd

Part # MPC82x52AS
Description  8-bit micro-controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC82x52AS Datasheet(HTML) 3 Page - Megawin Technology Co., Ltd

  MPC82x52AS Datasheet HTML 1Page - Megawin Technology Co., Ltd MPC82x52AS Datasheet HTML 2Page - Megawin Technology Co., Ltd MPC82x52AS Datasheet HTML 3Page - Megawin Technology Co., Ltd MPC82x52AS Datasheet HTML 4Page - Megawin Technology Co., Ltd MPC82x52AS Datasheet HTML 5Page - Megawin Technology Co., Ltd MPC82x52AS Datasheet HTML 6Page - Megawin Technology Co., Ltd MPC82x52AS Datasheet HTML 7Page - Megawin Technology Co., Ltd MPC82x52AS Datasheet HTML 8Page - Megawin Technology Co., Ltd MPC82x52AS Datasheet HTML 9Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
MEGAWIN
MPC82x52A Data Sheet
3
Features
Enhanced 80C51 Central Processing Unit
8 K bytes on-chip flash memory with ISP/IAP capability
256 bytes scratch-pad RAM
Two-level code protection for flash memory access
Two 16-bits timer/counter
7 sources, 4-level-priority interrupt capability
One enhanced UART with automatic address recognition and frame error detection
15 bits Watch-Dog-Timer with 8-bit pre-scalar, one-time enabled
SPI Master/Slave mode
One Programmable Counter Array (PCA)
8-bit Analog-to-Digital Converter (ADC)
Power control: Idle mode and Power-Down mode, Power-down can be woken-up through
INT0 and INT1
15 programmable I/O ports
Alternative built-in 6 MHz oscillator
Fully static operation
Excellent noise immunity
Very low power consumption
On-Chip flash program/data memory:
- The data endurance of the embedded flash gets over 20,000 times.
- Greater than 100 years data rentention under room temperature
Operating Voltage:
- 4.5V~5.5V for MPC82E52A
- 2.4V~3.6V for MPC82L52A, minimum 2.7V requirement in flash write operation
(ISP/ICP/…...)
- Built-in Low-Voltage Detector and Reset circuit.
Operating Temperature
- Industrial (-40°C to +85°C)*
Maximum Operating Frequency:
- Up to 24MHz, Industrial range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com