Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC82x52AS Datasheet(PDF) 58 Page - Megawin Technology Co., Ltd

Part # MPC82x52AS
Description  8-bit micro-controller
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEGAWIN [Megawin Technology Co., Ltd]
Direct Link  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC82x52AS Datasheet(HTML) 58 Page - Megawin Technology Co., Ltd

Back Button MPC82x52AS Datasheet HTML 54Page - Megawin Technology Co., Ltd MPC82x52AS Datasheet HTML 55Page - Megawin Technology Co., Ltd MPC82x52AS Datasheet HTML 56Page - Megawin Technology Co., Ltd MPC82x52AS Datasheet HTML 57Page - Megawin Technology Co., Ltd MPC82x52AS Datasheet HTML 58Page - Megawin Technology Co., Ltd MPC82x52AS Datasheet HTML 59Page - Megawin Technology Co., Ltd MPC82x52AS Datasheet HTML 60Page - Megawin Technology Co., Ltd MPC82x52AS Datasheet HTML 61Page - Megawin Technology Co., Ltd MPC82x52AS Datasheet HTML 62Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 72 page
background image
58
MPC82x52A Data Sheet
MEGAWIN
POWER-DOWN Mode
An instruction setting PCON.1 causes the device go into the POWER-DOWN mode. In the
POWER-DOWN mode, the on-chip oscillator is stopped. The contents of on-chip RAM and
SFRs are maintained.
The power-down mode can be woken-up by either pin RST event or interrupt from INT0 or
INT1. When it is woken-up by RST, the program will execute from the address 0x0000. Be
careful to keep RST pin active for at least 10ms in order for a stable clock. If it is woken-up
from pin INT0 or INT1, the CPU will rework through jumping to related interrupt service routine.
Before the CPU rework, the clock is blocked and counted until 32768 in order for de-bouncing
the unstable clock. To use INT0/INT1 wake-up, interrupt-related registers have to be enabled
and programmed accurately before entering power-down. Pay attention to add at least one
“NOP” instruction subsequent to the power-down instruction if I/O wake-up is used.
SFR: PCON (Power Control)
Bit-7
Bit-6
Bit-5
Bit-4
Bit-3
Bit-2
Bit-1
Bit-0
SMOD
reserved0
LVF
POF
GF1
GF0
PD
IDL
SMOD: = Double baud rate of UART interface
0
: =
Keep normal baud rate when the UART is used in mode 1,2 or 3.
1
: =
Double baud rate when the UART is used in mode 1,2 or 3.
reserved0
:= no use. Default set as 0. The user can not set it.
LVF: = Low-Voltage Flag
After power-up, this bit will be initially set. The user should clear it by his program.
Continuously on operating, it will be set if the power supply drops under 3.7V/2.3V
(Operate in the 5V/3V).
POF: = Power-On flag
This bit will be set after the device was powered on.
It must be cleared by the user’s software.
PD: = Power-Down switch
Set this bit to drive the device enter POWER-DOWN mode.
IDL: = Idle flag
Set this bit to drive the device enter IDLE mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com