Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L101F3P6A Datasheet(PDF) 65 Page - STMicroelectronics

Part # STM8L101F3P6A
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash, multifunction timers, comparators, USART, SPI, I2C
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F3P6A Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM8L101F3P6A Datasheet HTML 61Page - STMicroelectronics STM8L101F3P6A Datasheet HTML 62Page - STMicroelectronics STM8L101F3P6A Datasheet HTML 63Page - STMicroelectronics STM8L101F3P6A Datasheet HTML 64Page - STMicroelectronics STM8L101F3P6A Datasheet HTML 65Page - STMicroelectronics STM8L101F3P6A Datasheet HTML 66Page - STMicroelectronics STM8L101F3P6A Datasheet HTML 67Page - STMicroelectronics STM8L101F3P6A Datasheet HTML 68Page - STMicroelectronics STM8L101F3P6A Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 77 page
background image
STM8L101xx
Package characteristics
Doc ID 15275 Rev 7
65/77
10
Package characteristics
10.1
ECOPACK
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
10.2
Package mechanical data
Figure 37.
WFQFPN32 - 32-lead very very thin fine
pitch quad flat no-lead package outline
(5x5)(1)(2)
Figure 38.
WFQFPN32 recommended
footprint(1)(3)
1.
Drawing is not to scale.
2.
The exposed pad must be soldered to the PCB. It is recommended to connect it to VSS.
3.
Dimensions are in millimeters.
Seating plane
ddd
C
C
A3
A1
A
D
e
9
16
17
24
32
Pin # 1 ID
R = 0.30
8
E
L
L
D2
1
b
E2
A0A3_ME
Bottom view
Table 39.
WFQFPN32 - 32-lead very very thin fine pitch quad flat no-lead package (5 x 5),
package mechanical data(1)
Dim.
mm
inches(2)
Min
Typ
Max
Min
Typ
Max
A(1)
0.70
0.75
0.80
0.0276
0.0295
0.0315
A1
0.00
0.02
0.05
0
0.0008
0.0020
b
0.18
0.23
0.28
0.0071
0.0091
0.0110
D
4.90
5.00
5.10
0.1929
0.1969
0.2008
D2
3.50
0.1378



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com