Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L101F3P6A Datasheet(PDF) 76 Page - STMicroelectronics

Part # STM8L101F3P6A
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash, multifunction timers, comparators, USART, SPI, I2C
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F3P6A Datasheet(HTML) 76 Page - STMicroelectronics

Back Button STM8L101F3P6A Datasheet HTML 69Page - STMicroelectronics STM8L101F3P6A Datasheet HTML 70Page - STMicroelectronics STM8L101F3P6A Datasheet HTML 71Page - STMicroelectronics STM8L101F3P6A Datasheet HTML 72Page - STMicroelectronics STM8L101F3P6A Datasheet HTML 73Page - STMicroelectronics STM8L101F3P6A Datasheet HTML 74Page - STMicroelectronics STM8L101F3P6A Datasheet HTML 75Page - STMicroelectronics STM8L101F3P6A Datasheet HTML 76Page - STMicroelectronics STM8L101F3P6A Datasheet HTML 77Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 76 / 77 page
background image
Revision history
STM8L101xx
76/77
Doc ID 15275 Rev 7
07-Sep-2009
7
Added STM8L101F2U6ATR, STM8L101G2U6ATR and
STM8L101G3U6ATR part numbers
Modified Section 2: Description on page 7.
Modified Table 2: Device features on page 8 (Flash)
Modifiied Figure 1: STM8L101 device block diagram on page 9
Modified Section 3.5: Memory on page 11
Added note below Figure 2: Standard 20-pin UFQFPN package
pinout on page 14 and Figure 5: Standard 28-pin WFQFPN package
pinout on page 17
Added Figure 6: 28-pin WFQFPN package pinout for
STM8L101G3U6ATR and STM8L101G2U6ATR part numbers on
page 18
Modified reset values for Px_IDR registers in Table 6: I/O Port
hardware register map on page 24
Added Section 6: Interrupt vector mapping on page 32
Modified OPT numbers in Section 7: Option bytes on page 34
Modified OPT2 in Table 10: Option bytes on page 34
Added Section 8: Unique ID on page 36
TIM_IR pin replaced with IR_TIM pin
Modified Table 20: Total current consumption and timing in Halt and
Active-halt mode at VDD = 1.65 V to 3.6 V on page 43
Modified Figure 15: Typ. IDD(Halt) vs. VDD @ fCPU = 2 MHz and
16 MHz @4 temperatures on page 43 and Figure 19: Typical LSI RC
frequency vs. VDD @ 4 temperatures on page 47
Modified Table 27: Output driving current (standard ports) on
page 52
Updated Table 29: Output driving current (PA0 with high sink LED
driver capability) on page 52
Modified : Functional EMS (electromagnetic susceptibility) on
page 61
Modified conditions in Table 35: EMI data on page 62
Added note to Figure 37: WFQFPN32 - 32-lead very very thin fine
pitch quad flat no-lead package outline (5 x 5) on page 65
Modified Figure 41: WFQFPN28 - 28-lead very very thin fine pitch
quad flat no-lead package outline (4 x 4) on page 68
Added Figure 44: UFQFPN20 recommended footprint (1) on
page 69
Added Figure 46: TSSOP20 recommended footprint (1) on page 70
CMP replaced with COMP
Table 44.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com