Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L101F3P6A Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM8L101F3P6A
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash, multifunction timers, comparators, USART, SPI, I2C
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F3P6A Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM8L101F3P6A Datasheet HTML 25Page - STMicroelectronics STM8L101F3P6A Datasheet HTML 26Page - STMicroelectronics STM8L101F3P6A Datasheet HTML 27Page - STMicroelectronics STM8L101F3P6A Datasheet HTML 28Page - STMicroelectronics STM8L101F3P6A Datasheet HTML 29Page - STMicroelectronics STM8L101F3P6A Datasheet HTML 30Page - STMicroelectronics STM8L101F3P6A Datasheet HTML 31Page - STMicroelectronics STM8L101F3P6A Datasheet HTML 32Page - STMicroelectronics STM8L101F3P6A Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 77 page
background image
STM8L101xx
Memory and register map
Doc ID 15275 Rev 7
29/77
0x00 5280
TIM3
TIM3_CR1
TIM3 Control register 1
0x00
0x00 5281
TIM3_CR2
TIM3 Control register 2
0x00
0x00 5282
TIM3_SMCR
TIM3 Slave Mode Control register
0x00
0x00 5283
TIM3_ETR
TIM3 external trigger register
0x00
0x00 5284
TIM3_IER
TIM3 Interrupt enable register
0x00
0x00 5285
TIM3_SR1
TIM3 Status register 1
0x00
0x00 5286
TIM3_SR2
TIM3 Status register 2
0x00
0x00 5287
TIM3_EGR
TIM3 Event Generation register
0x00
0x00 5288
TIM3_CCMR1
TIM3 Capture/Compare mode register 1
0x00
0x00 5289
TIM3_CCMR2
TIM3 Capture/Compare mode register 2
0x00
0x00 528A
TIM3_CCER1
TIM3 Capture/Compare enable register 1
0x00
0x00 528B
TIM3_CNTRH
TIM3 Counter high
0x00
0x00 528C
TIM3_CNTRL
TIM3 Counter low
0x00
0x00 528D
TIM3_PSCR
TIM3 Prescaler register
0x00
0x00 528E
TIM3_ARRH
TIM3 Auto-reload register high
0xFF
0x00 528F
TIM3_ARRL
TIM3 Auto-reload register low
0xFF
0x00 5290
TIM3_CCR1H
TIM3 Capture/Compare register 1 high
0x00
0x00 5291
TIM3_CCR1L
TIM3 Capture/Compare register 1 low
0x00
0x00 5292
TIM3_CCR2H
TIM3 Capture/Compare register 2 high
0x00
0x00 5293
TIM3_CCR2L
TIM3 Capture/Compare register 2 low
0x00
0x00 5294
TIM3_BKR
TIM3 Break register
0x00
0x00 5295
TIM3_OISR
TIM3 Output idle state register
0x00
0x00 5296
to
0x00 52DF
Reserved area (74 bytes)
0x00 52E0
TIM4
TIM4_CR1
TIM4 Control register 1
0x00
0x00 52E1
TIM4_CR2
TIM4 Control register 2
0x00
0x00 52E2
TIM4_SMCR
TIM4 Slave Mode Control Register
0x00
0x00 52E3
TIM4_IER
TIM4 Interrupt enable register
0x00
0x00 52E4
TIM4_SR1
TIM4 Status register 1
0x00
0x00 52E5
TIM4_EGR
TIM4 Event Generation register
0x00
0x00 52E6
TIM4_CNTR
TIM4 Counter
0x00
0x00 52E7
TIM4_PSCR
TIM4 Prescaler register
0x00
0x00 52E8
TIM4_ARR
TIM4 Auto-reload register low
0xFF
Table 7.
General hardware register map (continued)
Address
Block
Register label
Register name
Reset
status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com