Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM8L101F3P6A Datasheet(PDF) 66 Page - STMicroelectronics

Part # STM8L101F3P6A
Description  8-bit ultralow power microcontroller with up to 8 Kbytes Flash, multifunction timers, comparators, USART, SPI, I2C
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L101F3P6A Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STM8L101F3P6A Datasheet HTML 62Page - STMicroelectronics STM8L101F3P6A Datasheet HTML 63Page - STMicroelectronics STM8L101F3P6A Datasheet HTML 64Page - STMicroelectronics STM8L101F3P6A Datasheet HTML 65Page - STMicroelectronics STM8L101F3P6A Datasheet HTML 66Page - STMicroelectronics STM8L101F3P6A Datasheet HTML 67Page - STMicroelectronics STM8L101F3P6A Datasheet HTML 68Page - STMicroelectronics STM8L101F3P6A Datasheet HTML 69Page - STMicroelectronics STM8L101F3P6A Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 77 page
background image
Package characteristics
STM8L101xx
66/77
Doc ID 15275 Rev 7
E
4.90
5.00
5.10
0.1929
0.1969
0.2008
E2
3.20
3.45
3.70
0.1260
0.1358
0.1457
e
0.500
0.0197
L
0.30
0.40
0.50
0.0118
0.0157
0.0197
ddd
0.08
0.0031
Number of pins
N32
1.
Thickness valid for the WFQFPN32 package in the sampling phase. In the production phase, the UFQFPN32 package will
be used with a thickness equal to 0.6 mm.
2.
Values in inches are converted from mm and rounded to 4 decimal digits.
Table 39.
WFQFPN32 - 32-lead very very thin fine pitch quad flat no-lead package (5 x 5),
package mechanical data(1) (continued)
Dim.
mm
inches(2)
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com