Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4651-503E/ST Datasheet(PDF) 37 Page - Microchip Technology

Part # MCP4651-503E/ST
Description  7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4651-503E/ST Datasheet(HTML) 37 Page - Microchip Technology

Back Button MCP4651-503E/ST Datasheet HTML 33Page - Microchip Technology MCP4651-503E/ST Datasheet HTML 34Page - Microchip Technology MCP4651-503E/ST Datasheet HTML 35Page - Microchip Technology MCP4651-503E/ST Datasheet HTML 36Page - Microchip Technology MCP4651-503E/ST Datasheet HTML 37Page - Microchip Technology MCP4651-503E/ST Datasheet HTML 38Page - Microchip Technology MCP4651-503E/ST Datasheet HTML 39Page - Microchip Technology MCP4651-503E/ST Datasheet HTML 40Page - Microchip Technology MCP4651-503E/ST Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22096A-page 37
MCP453X/455X/463X/465X
4.0
FUNCTIONAL OVERVIEW
This Data Sheet covers a family of thirty-two Digital
Potentiometer and Rheostat devices that will be
referred to as MCP4XXX. The MCP4XX1 devices are
the Potentiometer configuration, while the MCP4XX2
devices are the Rheostat configuration.
As the Device Block Diagram shows, there are four
main functional blocks. These are:
• POR/BOR Operation
• Memory Map
• Resistor Network
• Serial Interface (I2C)
The POR/BOR operation and the Memory Map are
discussed in this section and the Resistor Network and
I2C operation are described in their own sections. The
Device Commands commands are discussed in
Section 7.0 “Device Commands”.
4.1
POR/BOR Operation
The Power-on Reset is the case where the device is
having power applied to it starting from the VSS level.
The Brown-out Reset occurs when a device had power
applied to it, and that power (voltage) drops below the
specified range.
The devices RAM retention voltage (VRAM) is lower
than the POR/BOR voltage trip point (VPOR/VBOR). The
maximum VPOR/VBOR voltage is less than 1.8V.
When VPOR/VBOR < VDD < 2.7V, the electrical
performance
may
not
meet
the
data
sheet
specifications. In this region, the device is capable of
incrementing, decrementing, reading and writing to its
volatile memory if the proper serial command is exe-
cuted.
4.1.1
POWER-ON RESET
When the device powers up, the device VDD will cross
the VPOR/VBOR voltage. Once the VDD voltage crosses
the VPOR/VBOR voltage the following happens:
• Volatile wiper register is loaded with value in the
corresponding non-volatile wiper register
• The TCON register is loaded it’s default value
• The device is capable of digital operation
4.1.2
BROWN-OUT RESET
When the device powers down, the device VDD will
cross the VPOR/VBOR voltage.
Once the VDD voltage decreases below the VPOR/VBOR
voltage the Serial Interface is disabled.
If the VDD voltage decreases below the VRAM voltage
the following happens:
• Volatile wiper registers may become corrupted
• TCON register may become corrupted
As the voltage recovers above the VPOR/VBOR voltage
see Section 4.1.1 “Power-on Reset”.
Serial commands not completed due to a brown-out
condition may cause the volatile memory location to
become corrupted.
4.2
Memory Map
The device memory map supports 16 locations, of
which 3 locations are used. Each location is 9-bits wide
(16x9 bits). This memory space is shown in Table 4-1.
TABLE 4-1:
MEMORY MAP
4.2.1
VOLATILE MEMORY (RAM)
There are four Volatile Memory locations. These are:
• Volatile Wiper 0
• Volatile Wiper 1
(Dual Resistor Network devices only)
• Terminal Control (TCON) Register
• Reserved
The volatile memory starts functioning at the RAM
retention voltage (VRAM).
4.2.1.1
Address 05h (Reserved)
This memory location is Reserved and is mapped to
the Status Register of the Non-Volatile MCP45XX/
46XX devices. Since the Non-Volatile devices bits are
not used by the volatile device, this location is
reserved. Reading this address wil result in a value of
1F7h.
Address
Function
Memory Type
00h
Volatile Wiper 0
RAM
01h
Volatile Wiper 1
RAM
02h
Reserved
—
03h
Reserved
—
04h
Volatile TCON Register
RAM
05h
Reserved
RAM
06h - 0Fh Reserved
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com