Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4651-503E/ST Datasheet(PDF) 46 Page - Microchip Technology

Part # MCP4651-503E/ST
Description  7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4651-503E/ST Datasheet(HTML) 46 Page - Microchip Technology

Back Button MCP4651-503E/ST Datasheet HTML 42Page - Microchip Technology MCP4651-503E/ST Datasheet HTML 43Page - Microchip Technology MCP4651-503E/ST Datasheet HTML 44Page - Microchip Technology MCP4651-503E/ST Datasheet HTML 45Page - Microchip Technology MCP4651-503E/ST Datasheet HTML 46Page - Microchip Technology MCP4651-503E/ST Datasheet HTML 47Page - Microchip Technology MCP4651-503E/ST Datasheet HTML 48Page - Microchip Technology MCP4651-503E/ST Datasheet HTML 49Page - Microchip Technology MCP4651-503E/ST Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 88 page
background image
MCP453X/455X/463X/465X
DS22096A-page 46
© 2008 Microchip Technology Inc.
6.2
I2C Operation
The MCP45XX/46XX’s I2C module is compatible with
the Philips I2C specification. The following lists some of
the modules features:
• 7-bit slave addressing
• Supports three clock rate modes:
- Standard mode, clock rates up to 100 kHz
- Fast mode, clock rates up to 400 kHz
- High-speed mode (HS mode), clock rates up
to 3.4 MHz
• Support Multi-Master Applications
• General call addressing
• Internal weak pull-ups on interface signals
The I2C 10-bit addressing mode is not supported.
The Philips I2C specification only defines the field
types, field lengths, timings, etc. of a frame. The frame
content defines the behavior of the device. The frame
content for the MCP4XXX is defined in Section 7.0.
6.2.1
I2C BIT STATES AND SEQUENCE
Figure 6-8 shows the I2C transfer sequence. The serial
clock is generated by the master. The following defini-
tions are used for the bit states:
• Start bit (S)
• Data bit
• Acknowledge (A) bit (driven low) /
No Acknowledge (A) bit (not driven low)
• Repeated Start bit (Sr)
• Stop bit (P)
6.2.1.1
Start Bit
The Start bit (see Figure 6-2) indicates the beginning of
a data transfer sequence. The Start bit is defined as the
SDA signal falling when the SCL signal is “High”.
FIGURE 6-2:
Start Bit.
6.2.1.2
Data Bit
The SDA signal may change state while the SCL signal
is Low. While the SCL signal is High, the SDA signal
MUST be stable (see Figure 6-5).
FIGURE 6-3:
Data Bit.
6.2.1.3
Acknowledge (A) Bit
The A bit (see Figure 6-4) is typically a response from
the receiving device to the transmitting device.
Depending on the context of the transfer sequence, the
A bit may indicate different things. Typically the Slave
device will supply an A response after the Start bit and
8 “data” bits have been received. an A bit has the SDA
signal low.
FIGURE 6-4:
Acknowledge Waveform.
Not A (A) Response
The A bit has the SDA signal high. Table 6-1 shows
some of the conditions where the Slave Device will
issue a Not A (A).
If an error condition occurs (such as an A instead of A),
then an START bit must be issued to reset the
command state machine.
TABLE 6-1:
MCP45XX/MCP46XX A / A
RESPONSES
SDA
SCL
S
1st Bit
2nd Bit
SDA
SCL
Data Bit
1st Bit
2nd Bit
Event
Acknowledge
Bit
Response
Comment
General Call
A
Only if GCEN bit is
set
Slave Address
valid
A
Slave Address
not valid
A
Device Mem-
ory Address
and specified
command
(AD3:AD0 and
C1:C0) are an
invalid combi-
nation
A
After device has
received address
and command
Bus Collision
N.A.
I2C Module
Resets, or a “Don’t
Care” if the colli-
sion occurs on the
Masters “Start bit”.
A
8
D0
9
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com