Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4651-503E/ST Datasheet(PDF) 49 Page - Microchip Technology

Part # MCP4651-503E/ST
Description  7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4651-503E/ST Datasheet(HTML) 49 Page - Microchip Technology

Back Button MCP4651-503E/ST Datasheet HTML 45Page - Microchip Technology MCP4651-503E/ST Datasheet HTML 46Page - Microchip Technology MCP4651-503E/ST Datasheet HTML 47Page - Microchip Technology MCP4651-503E/ST Datasheet HTML 48Page - Microchip Technology MCP4651-503E/ST Datasheet HTML 49Page - Microchip Technology MCP4651-503E/ST Datasheet HTML 50Page - Microchip Technology MCP4651-503E/ST Datasheet HTML 51Page - Microchip Technology MCP4651-503E/ST Datasheet HTML 52Page - Microchip Technology MCP4651-503E/ST Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22096A-page 49
MCP453X/455X/463X/465X
6.2.6
HS MODE
The I2C specification requires that a high-speed mode
device must be ‘activated’ to operate in high-speed
(3.4 Mbit/s) mode. This is done by the Master sending
a special address byte following the START bit. This
byte is referred to as the high-speed Master Mode
Code (HSMMC).
The MCP45XX/46XX device does not acknowledge
this byte. However, upon receiving this command, the
device switches to HS mode. The device can now com-
municate at up to 3.4 Mbit/s on SDA and SCL lines.
The device will switch out of the HS mode on the next
STOP condition.
The master code is sent as follows:
1.
START condition (S)
2.
High-Speed Master Mode Code (0000 1XXX),
The XXX bits are unique to the high-speed (HS)
mode Master.
3.
No Acknowledge (A)
After switching to the High-Speed mode, the next
transferred byte is the I2C control byte, which specifies
the device to communicate with, and any number of
data bytes plus acknowledgements. The Master
Device can then either issue a Repeated Start bit to
address a different device (at High-Speed) or a Stop bit
to return to Fast/Standard bus speed. After the Stop bit,
any other Master Device (in a Multi-Master system) can
arbitrate for the I2C bus.
See Figure 6-10 for illustration of HS mode command
sequence.
For more information on the HS mode, or other I2C
modes, please refer to the Phillips I2C specification.
6.2.6.1
Slope Control
The slope control on the SDA output is different
between the Fast/Standard Speed and the High-Speed
clock modes of the interface.
6.2.6.2
Pulse Gobbler
The pulse gobbler on the SCL pin is automatically
adjusted to suppress spikes < 10 ns during HS mode.
FIGURE 6-10:
HS Mode Sequence.
S
A
‘0 0 0 0 1 X X X’b
Sr
A
‘Slave Address’
A/A
“Data”
P
S = Start bit
Sr = Repeated Start bit
A = Acknowledge bit
A = Not Acknowledge bit
R/W = Read/Write bit
R/W
P = Stop bit (Stop condition terminates HS Mode)
F/S-mode
HS-mode
HS-mode continues
F/S-mode
Sr
A
‘Slave Address’ R/W
HS Select Byte
Control Byte
Command/Data Byte(s)
Control Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com