Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4651-503E/ST Datasheet(PDF) 43 Page - Microchip Technology

Part # MCP4651-503E/ST
Description  7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4651-503E/ST Datasheet(HTML) 43 Page - Microchip Technology

Back Button MCP4651-503E/ST Datasheet HTML 39Page - Microchip Technology MCP4651-503E/ST Datasheet HTML 40Page - Microchip Technology MCP4651-503E/ST Datasheet HTML 41Page - Microchip Technology MCP4651-503E/ST Datasheet HTML 42Page - Microchip Technology MCP4651-503E/ST Datasheet HTML 43Page - Microchip Technology MCP4651-503E/ST Datasheet HTML 44Page - Microchip Technology MCP4651-503E/ST Datasheet HTML 45Page - Microchip Technology MCP4651-503E/ST Datasheet HTML 46Page - Microchip Technology MCP4651-503E/ST Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 88 page
background image
© 2008 Microchip Technology Inc.
DS22096A-page 43
MCP453X/455X/463X/465X
5.3
Shutdown
Shutdown is used to minimize the device’s current
consumption. The MCP4XXX achieves this through the
Terminal Control Register (TCON).
5.3.1
TERMINAL CONTROL REGISTER
(TCON)
The Terminal Control (TCON) register is a volatile
register used to configure the connection of each
resistor network terminal pin (A, B, and W) to the
Resistor
Network.
This
bits
are
described
in
Register 4-1.
When the RxHW bit is a “0”, the selected resistor net-
work is forced into the following state:
• The PxA terminal is disconnected
• The PxW terminal is simultaneously connected to
the PxB terminal (see Figure 5-2)
• The Serial Interface is NOT disabled, and all
Serial Interface activity is executed
Alternate low power configurations may be achieved
with the RxA, RxW, and RxB bits.
FIGURE 5-2:
Resistor Network Shutdown
Configuration.
5.3.2
INTERACTION OF RxHW BIT AND
RxA, RxW, AND RxB BITS (TCON
REGISTER)
Using the TCON bits allows each resistor network (Pot
0 and Pot 1) to be individually “shutdown”.
The state of the RxHW bit does NOT corrupt the other
bit values in the TCON register nor the value of the
Volatile Wiper Registers. When the Shutdown mode is
exited (RxHW changes state from “0” to “1”):
• The device returns to the Wiper setting specified
by the Volatile Wiper value
• The RxA, RxB, and RxW bits return to controlling
the terminal connection state of that resistor net-
work
Note 1: The RxHW bits are identical to the RxHW
bits of the MCP41XX/42XX devices. The
MCP42XX devices also have a
SHDN
pin which forces the resistor network into
the same state as that resistor networks
RxHW bit.
2: When RxHW = “0”, the state of the TCON
register RxA, RxW, and RxB bits is over-
ridden (ignored). When the state of the
RxHW bit returns to “1”, the TCON
register RxA, RxW, and RxB bits return to
controlling the terminal connection state.
In other words, the RxHW bit does not
corrupt the state of the RxA, RxW, and
RxB bits.
A
B
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com