Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F467DA Datasheet(PDF) 34 Page - fujitsu semiconductor

Part # MB91F467DA
Description  32-bit Microcontroller
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F467DA Datasheet(HTML) 34 Page - fujitsu semiconductor

Back Button MB91F467DA Datasheet HTML 30Page - fujitsu semiconductor MB91F467DA Datasheet HTML 31Page - fujitsu semiconductor MB91F467DA Datasheet HTML 32Page - fujitsu semiconductor MB91F467DA Datasheet HTML 33Page - fujitsu semiconductor MB91F467DA Datasheet HTML 34Page - fujitsu semiconductor MB91F467DA Datasheet HTML 35Page - fujitsu semiconductor MB91F467DA Datasheet HTML 36Page - fujitsu semiconductor MB91F467DA Datasheet HTML 37Page - fujitsu semiconductor MB91F467DA Datasheet HTML 38Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 140 page
background image
MB91460D Series
34
DS07-16612-2E
3.2.
Flash access timing settings in CPU mode
The following tables list all settings for a given maximum Core Frequency (through the setting of CLKB or
maximum clock modulation) for Flash read and write access.
3.2.1.
Flash read timing settings (synchronous read)
3.2.2.
Flash write timing settings (synchronous write)
Core clock (CLKB)
ATD
ALEH
EQ
WEXH
WTC
Remark
to 24 MHz
0
0
0
-
1
to 48 MHz
0
0
1
-
2
to 96 MHz
1
1
3
-
4
to 100 MHz
1
1
3
-
4
not available on MB91F467Dx
Core clock (CLKB)
ATD
ALEH
EQ
WEXH
WTC
Remark
to 32 MHz
1
-
-
0
4
to 48 MHz
1
-
-
0
5
to 64 MHz
1
-
-
0
6
to 96 MHz
1
-
-
0
7
to 100 MHz
1
-
-
0
7
not available on MB91F467Dx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com