Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F467DA Datasheet(PDF) 90 Page - fujitsu semiconductor

Part # MB91F467DA
Description  32-bit Microcontroller
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F467DA Datasheet(HTML) 90 Page - fujitsu semiconductor

Back Button MB91F467DA Datasheet HTML 86Page - fujitsu semiconductor MB91F467DA Datasheet HTML 87Page - fujitsu semiconductor MB91F467DA Datasheet HTML 88Page - fujitsu semiconductor MB91F467DA Datasheet HTML 89Page - fujitsu semiconductor MB91F467DA Datasheet HTML 90Page - fujitsu semiconductor MB91F467DA Datasheet HTML 91Page - fujitsu semiconductor MB91F467DA Datasheet HTML 92Page - fujitsu semiconductor MB91F467DA Datasheet HTML 93Page - fujitsu semiconductor MB91F467DA Datasheet HTML 94Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 140 page
background image
MB91460D Series
90
DS07-16612-2E
Input leak-
age current
IIL
Pnn_m
*3
3.0V
VDD
5.5V
VSS5 < VI < VDD
TA=25
°C
− 1
⎯
+ 1
μA
3.0V
VDD
5.5V
VSS5 < VI < VDD
TA=105
°C
− 3
⎯
+ 3
Analog in-
put leak-
age current
IAIN
ANn *4
3.0V
VDD
5.5V
TA=25
°C
− 1
⎯
+ 1
μA
3.0V
VDD
5.5V
TA=105
°C
− 3
⎯
+ 3
μA
Pull-up
resistance
RUP
Pnn_m
*5
INITX
3.0V VDD 3.6V
40
100
160
k
Ω
4.5V VDD 5.5V
25
50
100
Pull-down
resistance
RDOWN
Pnn_m
*6
3.0V VDD 3.6V
40
100
180
k
Ω
4.5V VDD 5.5V
25
50
100
Input
capaci-
tance
CIN
All ex-
cept
VDD5,
VDD5R,
VSS5,
AVCC5,
AVSS,
AVRH5
f
= 1 MHz
-
5
15
pF
Power
supply
current
MB91-
F467Dx
ICC
VDD5R
MB91F467Dx:
CLKB:
96 MHz
CLKP:
48 MHz
CLKT:
48 MHz
CLKCAN: 48 MHz
⎯
120
150
mA
Code fetch from
Flash
ICCH
VDD5R
TA
= + 25 °C
⎯
30
150
μA At stop mode *7
*8
TA
= + 105 °C
⎯
400
2000
μA
TA
= + 25 °C
⎯
100
500
μA RTC :
4 MHz mode *7
*8
TA
= + 105 °C
⎯
500
2400
μA
TA
= + 25 °C
⎯
50
250
μA RTC :
100 kHz mode *7
*8
TA
= + 105 °C
⎯
450
2200
μA
ILVE
VDD5
⎯⎯
70
150
μA
External low volt-
age detection
ILVI
VDD5R
⎯⎯
50
100
μA
Internal low volt-
age detection
IOSC
VDD5
⎯⎯
250
500
μA
Main clock
(4 MHz)
⎯⎯
20
40
μA
Sub clock
(32 kHz)
Parameter Symbol
Pin
name
Condition
Value
Unit
Remarks
Min
Typ
Max
≤
≤
≤
≤
≤
≤
≤
≤
≤
≤
≤
≤
≤
≤
≤
≤



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com