Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB91F467DA Datasheet(PDF) 8 Page - fujitsu semiconductor

Part # MB91F467DA
Description  32-bit Microcontroller
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB91F467DA Datasheet(HTML) 8 Page - fujitsu semiconductor

Back Button MB91F467DA Datasheet HTML 4Page - fujitsu semiconductor MB91F467DA Datasheet HTML 5Page - fujitsu semiconductor MB91F467DA Datasheet HTML 6Page - fujitsu semiconductor MB91F467DA Datasheet HTML 7Page - fujitsu semiconductor MB91F467DA Datasheet HTML 8Page - fujitsu semiconductor MB91F467DA Datasheet HTML 9Page - fujitsu semiconductor MB91F467DA Datasheet HTML 10Page - fujitsu semiconductor MB91F467DA Datasheet HTML 11Page - fujitsu semiconductor MB91F467DA Datasheet HTML 12Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 140 page
background image
MB91460D Series
8
DS07-16612-2E
(Continued)
(Continued)
Pin no.
Pin name
I/O
I/O circuit
type*
Function
66
P10_5
I/O
A
General-purpose input/output port
MCLKI
Clock input pin for memory
67
P10_6
I/O
A
General-purpose input/output port
MCLKE
Clock enable signal pin for memory
68
MONCLK
O
M
Clock monitor pin
70
MD_2
I
G
Mode setting pins
71
MD_1
I
G
72
MD_0
I
G
73
INITX
I
H
External reset input pin
74
X1A
⎯
J2
Sub clock (oscillation) output
75
X0A
⎯
J2
Sub clock (oscillation) input
76
X1
⎯
J1
Clock (oscillation) output
77
X0
⎯
J1
Clock (oscillation) input
83 to 86
P24_0 to P24_3
I/O
A
General-purpose input/output ports
INT0 to INT3
External interrupt input pins
87
P24_4
I/O
C
General-purpose input/output port
INT4
External interrupt input pin
SDA2
I2C bus DATA input/output pin
88
P24_5
I/O
C
General-purpose input/output port
INT5
External interrupt input pin
SCL2
I2C bus clock input/output pin
89
P24_6
I/O
C
General-purpose input/output port
INT6
External interrupt input pin
SDA3
I2C bus DATA input/output pin
90
P24_7
I/O
C
General-purpose input/output port
INT7
External interrupt input pin
SCL3
I2C bus clock input/output pin
91
P23_0
I/O
A
General-purpose input/output port
RX0
RX input pin of CAN0
INT8
External interrupt input pin
92
P23_1
I/O
A
General-purpose input/output port
TX0
TX output pin of CAN0
93
P23_2
I/O
A
General-purpose input/output port
RX1
RX input pin of CAN1
INT9
External interrupt input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com